Moteur de recherche de fiches techniques de composants électroniques |
|
TP2104 Fiches technique(PDF) 6 Page - Supertex, Inc |
|
TP2104 Fiches technique(HTML) 6 Page - Supertex, Inc |
6 / 6 page Supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. website: http//www.supertex.com. ©2009 All rights reserved. Unauthorized use or reproduction is prohibited. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com 6 TP2104 Doc.# DSFP-TP2104 A022309 3-Lead TO-92 Package Outline (N3) Symbol A b c D E E1 e e1 L Dimensions (inches) MIN .170 .014† .014† .175 .125 .080 .095 .045 .500 NOM - - - - - - - - - MAX .210 .022† .022† .205 .165 .105 .105 .055 .610* JEDEC Registration TO-92. * This dimension is not specified in the original JEDEC drawing. The value listed is for reference only. † This dimension is a non-JEDEC dimension. Drawings not to scale. Supertex Doc.#: DSPD-3TO92N3, Version D080408. Seating Plane 1 2 3 Front View Side View Bottom View E1 E D e1 L e c 1 2 3 b A |
Numéro de pièce similaire - TP2104 |
|
Description similaire - TP2104 |