Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE33284A-SL Fiches technique(PDF) 3 Page - NEC

No de pièce NE33284A-SL
Description  L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NE33284A-SL Fiches technique(HTML) 3 Page - NEC

  NE33284A-SL Datasheet HTML 1Page - NEC NE33284A-SL Datasheet HTML 2Page - NEC NE33284A-SL Datasheet HTML 3Page - NEC NE33284A-SL Datasheet HTML 4Page - NEC NE33284A-SL Datasheet HTML 5Page - NEC NE33284A-SL Datasheet HTML 6Page - NEC NE33284A-SL Datasheet HTML 7Page - NEC NE33284A-SL Datasheet HTML 8Page - NEC NE33284A-SL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE33284A
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
250
200
150
100
50
0
50
100
150
200
250
TA – Ambient Temperature – ˚C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
50
40
30
20
10
–1.0
0
VGS – Gate to Source Voltage – V
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
–2.0
0
VDS = 2 V
230
f – Frequency – GHz
1
4
6
8 10
14
20
24
20
16
12
8
4
VDS = 2 V
ID = 10 mA
MAXIMUM AVAILABLE GAIN, FORWARD
INSERTION GAIN vs. FREQUENCY
0
123
45
VDS – Drain to Source Voltage – V
50
40
30
20
10
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VGS = 0 V
–0.2 V
–0.4 V
–0.6 V
| IS21s |
2
MSG.
MAG.
Gain Calculations
MSG.
=
||
||
S
S
21
12
K
1
|
|
| S
|
| S
|
2|S
|| S
|
2
11
2
22
2
12
21
=
+−
MAG.
|S
|
|S
|
(K
K
1)
21
12
2
∆ =⋅
SS
S
S
11
22
21
12


Numéro de pièce similaire - NE33284A-SL

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE33284A-T1 NEC-NE33284A-T1 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
More results

Description similaire - NE33284A-SL

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com