Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74AC283 Fiches technique(PDF) 5 Page - Hitachi Semiconductor

No de pièce HD74AC283
Description  4-bit Binary Full Adder with Fast Carry
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC283 Fiches technique(HTML) 5 Page - Hitachi Semiconductor

  HD74AC283 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC283 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HD74AC283/HD74ACT283
5
Logic Diagram
C0
S0
S1
S2
S3
C4
A0
A1
B0
B1
A2
B2
A3
B3
Please note that this diagram is provided only for the understanding of logic operations and shoudl not be
used to estimate propagation delays.
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum I
CC/input (HD74ACT283)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case


Numéro de pièce similaire - HD74AC283

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
HD74AC283AFPEL RENESAS-HD74AC283AFPEL Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
HD74AC283AP RENESAS-HD74AC283AP Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
HD74AC283ARPEL RENESAS-HD74AC283ARPEL Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
HD74AC283TELL RENESAS-HD74AC283TELL Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results

Description similaire - HD74AC283

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com