Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-315J-500E Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-315J-500E
Description  0.6A maximum peak output current 0.5 A minimum peak output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-315J-500E Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-315J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-315J-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Switching Specifications (AC)
Over recommended operating conditions (T
A
= -40 to 100°C, I
F(ON)
= 7 to 16 mA, V
F(OFF)
= -3.6 to 0.8 V, V
CC
= 15 to 30 V,
V
EE
= Ground, each channel) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
t
PLH
0.10
0.30
0.50
μs
Rg = 47 Ω,
10, 11,
14
Time to High
Cg = 3 nF,
12, 13,
Output Level
f = 10 kHz,
14, 23
Duty Cycle = 50%
Propagation Delay
t
PHL
0.10
0.3
0.50
μs
Time to Low
Output Level
Pulse Width
PWD
0.3
μs
15
Distortion
Propagation Delay
PDD
-0.35
0.35
μs
34, 36
10
Difference Between
(t
PHL
- t
PLH
)
Any Two Parts
or Channels
Rise Time
t
r
0.1
μs
23
Fall Time
t
f
0.1
μs
UVLO Turn On
t
UVLO ON
0.8
μs
V
O
> 5 V,
22
Delay
I
F
= 10 mA
UVLO Turn Off
t
UVLO OFF
0.6
μs
V
O
< 5 V,
Delay
I
F
= 10 mA
Output High Level
|CM
H
|
15
30
kV/μs
T
A
= 25°C,
24
11, 12
Common Mode
I
F
= 10 to 16 mA,
Transient
V
CM
= 1500 V,
Immunity
V
CC
= 30 V
Output Low Level
|CM
L
|
15
30
kV/μs
T
A
= 25°C,
11, 13
Common Mode
V
CM
= 1500 V,
Transient
V
F
= 0 V,
Immunity
V
CC
= 30 V


Numéro de pièce similaire - HCPL-315J-500E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-315J-500 HP-HCPL-315J-500 Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-315J-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com