Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC15-24S15 Fiches technique(PDF) 2 Page - Power Mate Technology Co., LTD

No de pièce FDC15-24S15
Description  15 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  P-DUKE [Power Mate Technology Co., LTD]
Site Internet  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC15-24S15 Fiches technique(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC15-24S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC15-24S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC15-24S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FDC15 SERIES
15 WATTS
DC-DC CONVERTER
FDC15-48S05
Efficiency VS Input Voltage
70%
72%
74%
76%
78%
80%
82%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FDC15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Model
Number
Input
Range
Output
Voltage Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
Load max
(5)
FDC15-24S05
9 ~ 36 VDC
5 VDC
210mA
3000mA
75mVp-p
20mA
80
6800µF
FDC15-24S12
9 ~ 36 VDC
12 VDC
100mA
1250mA
75mVp-p
10mA
82
890µF
FDC15-24S15
9 ~ 36 VDC
15 VDC
80mA
1000mA
75mVp-p
20mA
82
570µF
FDC15-24D05
9 ~ 36 VDC
± 5 VDC
± 105mA
± 1500mA
75mVp-p
20mA
80
± 1700µF
FDC15-24D12
9 ~ 36 VDC
± 12 VDC
± 50mA
± 625mA
75mVp-p
20mA
82
± 300µF
FDC15-24D15
9 ~ 36 VDC
± 15 VDC
± 40mA
± 500mA
75mVp-p
20mA
82
± 200µF
FDC15-48S05
18 ~ 75 VDC
5 VDC
210mA
3000mA
75mVp-p
15mA
80
6800µF
FDC15-48S12
18 ~ 75 VDC
12 VDC
100mA
1250mA
75mVp-p
15mA
82
890µF
FDC15-48S15
18 ~ 75 VDC
15 VDC
80mA
1000mA
75mVp-p
10mA
82
570µF
FDC15-48D05
18 ~ 75 VDC
± 5 VDC
± 105mA
± 1500mA
75mVp-p
10mA
80
± 1700µF
FDC15-48D12
18 ~ 75 VDC
± 12 VDC
±50mA
± 625mA
75mVp-p
20mA
82
± 300µF
FDC15-48D15
18 ~ 75 VDC
± 15 VDC
± 40mA
± 500mA
75mVp-p
15mA
82
± 200µF
FDC15-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
62.5
FDC15-48S05 Derating Curve
With Heatsink (Note 6 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
69.1
(Note 8)
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and full load. (20MHZ BW.)
3.
Typical value at nominal input and no load.
4.
Typical value at nominal input and full load.
5.
Test by minimum input and constant resistive load.
6.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification.
7.
The CTRL pin voltage is reference to -INPUT.
8.
Heat-sink is optional and P/N: 7G-0011C-F.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest:
Nippon chemi-con KY series, 220µF /100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Numéro de pièce similaire - FDC15-24S15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FDC15-24S15 ETC-FDC15-24S15 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Power Mate Technology C...
FDC15-24S15 P-DUKE-FDC15-24S15 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
logo
Volgen Kaga Electronics...
FDC15-24S15 VOLGEN-FDC15-24S15 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
More results

Description similaire - FDC15-24S15

FabricantNo de pièceFiches techniqueDescription
logo
Power Mate Technology C...
FEC15W P-DUKE-FEC15W_14 Datasheet
291Kb / 3P
   15 WATTS DC-DC CONVERTER
FEC15 P-DUKE-FEC15_14 Datasheet
292Kb / 3P
   15 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
logo
List of Unclassifed Man...
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
HITRON ELECTRONICS CORP...
HDM14.5-S HITRON-HDM14.5-S Datasheet
129Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15 WATTS OUTPUT
logo
Wall Industries,Inc.
DCMRH15 WALL-DCMRH15 Datasheet
408Kb / 6P
   15 Watts Medical DC/DC Converter Single and Dual Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com