Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC595 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 74HC595
Description  8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC595 Fiches technique(HTML) 5 Page - ON Semiconductor

  74HC595 Datasheet HTML 1Page - ON Semiconductor 74HC595 Datasheet HTML 2Page - ON Semiconductor 74HC595 Datasheet HTML 3Page - ON Semiconductor 74HC595 Datasheet HTML 4Page - ON Semiconductor 74HC595 Datasheet HTML 5Page - ON Semiconductor 74HC595 Datasheet HTML 6Page - ON Semiconductor 74HC595 Datasheet HTML 7Page - ON Semiconductor 74HC595 Datasheet HTML 8Page - ON Semiconductor 74HC595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74HC595
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
VCC
(V)
Guaranteed Limit
Unit
– 55 to 25_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 7)
2.0
3.0
4.5
6.0
6.0
15
30
35
4.8
10
24
28
4.0
8.0
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Shift Clock to SQH
(Figures 1 and 7)
2.0
3.0
4.5
6.0
140
100
28
24
175
125
35
30
210
150
42
36
ns
tPHL
Maximum Propagation Delay, Reset to SQH
(Figures 2 and 7)
2.0
3.0
4.5
6.0
145
100
29
25
180
125
36
31
220
150
44
38
ns
tPLH,
tPHL
Maximum Propagation Delay, Latch Clock to QA − QH
(Figures 3 and 7)
2.0
3.0
4.5
6.0
140
100
28
24
175
125
35
30
210
150
42
36
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to QA − QH
(Figures 4 and 8)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to QA − QH
(Figures 4 and 8)
2.0
3.0
4.5
6.0
135
90
27
23
170
110
34
29
205
130
41
35
ns
tTLH,
tTHL
Maximum Output Transition Time, QA − QH
(Figures 3 and 7)
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
31
18
15
ns
tTLH,
tTHL
Maximum Output Transition Time, SQH
(Figures 1 and 7)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance (Output in
High−Impedance State), QA − QH
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25°C, VCC = 5.0 V
pF
300
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Numéro de pièce similaire - 74HC595

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
STMicroelectronics
74HC595 STMICROELECTRONICS-74HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
   8-bit Shift Register/Latch (with 3-state outputs)
More results

Description similaire - 74HC595

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
   8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
   8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
ON Semiconductor
MC74HCT595ADG ONSEMI-MC74HCT595ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com