Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP120-S Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce TIP120-S
Description  NPN SILICON POWER DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP120-S Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  TIP120-S Datasheet HTML 1Page - Bourns Electronic Solutions TIP120-S Datasheet HTML 2Page - Bourns Electronic Solutions TIP120-S Datasheet HTML 3Page - Bourns Electronic Solutions TIP120-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP120, TIP121, TIP122
NPN SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperatur e
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
TIP120
TIP121
TIP122
60
80
100
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 40 V
VCE = 50 V
IB =0
IB =0
IB =0
TIP120
TIP121
TIP122
0.5
0.5
0.5
mA
ICBO
Collector cut-off
current
VCB = 60 V
VCB = 80 V
VCB = 100 V
IE =0
IE =0
IE =0
TIP120
TIP121
TIP122
0.2
0.2
0.2
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
2
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
IC = 0.5 A
IC = 3 A
(see Notes 5 and 6)
1000
1000
VCE(sat)
Collector-emitter
saturation voltage
IB = 12 mA
IB = 20 mA
IC = 3 A
IC = 5 A
(see Notes 5 and 6)
2
4
V
VBE
Base-emitter
voltage
VCE =
3 V
IC = 3 A
(see Notes 5 and 6)
2.5
V
VEC
Parallel diode
forward voltage
IE =
5 A
IB = 0
(see Notes 5 and 6)
3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.92
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 3 A
VBE(off) = -5 V
IB(on) = 12 mA
RL = 10 Ω
IB(off) = -12 mA
tp = 20 µs, dc ≤ 2%
1.5
µs
toff
Turn-off time
8.5
µs
OBSOLET
E


Numéro de pièce similaire - TIP120-S

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
TIP120-BP MCC-TIP120-BP Datasheet
500Kb / 2P
   NPN Epitaxial Darlington Transistors
More results

Description similaire - TIP120-S

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com