Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD14017B Fiches technique(PDF) 5 Page - Hitachi Semiconductor

No de pièce HD14017B
Description  Decade Counter/Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD14017B Fiches technique(HTML) 5 Page - Hitachi Semiconductor

  HD14017B Datasheet HTML 1Page - Hitachi Semiconductor HD14017B Datasheet HTML 2Page - Hitachi Semiconductor HD14017B Datasheet HTML 3Page - Hitachi Semiconductor HD14017B Datasheet HTML 4Page - Hitachi Semiconductor HD14017B Datasheet HTML 5Page - Hitachi Semiconductor HD14017B Datasheet HTML 6Page - Hitachi Semiconductor HD14017B Datasheet HTML 7Page - Hitachi Semiconductor HD14017B Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Numéro de pièce similaire - HD14017B

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
   Quadruple 2-input NAND Gate
HD14012 HITACHI-HD14012 Datasheet
61Kb / 6P
   Dual 4-input NAND Gate
HD14012B HITACHI-HD14012B Datasheet
61Kb / 6P
   Dual 4-input NAND Gate
HD14013 HITACHI-HD14013 Datasheet
80Kb / 7P
   Dual D-type Flip Flop
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
More results

Description similaire - HD14017B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
logo
Toshiba Semiconductor
TC74HC4017AP TOSHIBA-TC74HC4017AP Datasheet
245Kb / 5P
   DECADE COUNTER/DIVIDER
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
   DECADE COUNTER/DIVIDER
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
   Decade Counter / Divider
logo
Intersil Corporation
CD4033BMS INTERSIL-CD4033BMS Datasheet
122Kb / 11P
   CMOS Decade Counter/Divider
December 1992
logo
List of Unclassifed Man...
CD4017A ETC1-CD4017A Datasheet
274Kb / 4P
   CMOS Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com