Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMW24S15-1000 Fiches technique(PDF) 1 Page - Wall Industries,Inc.

No de pièce DMW24S15-1000
Description  15.3 Watts DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24S15-1000 Fiches technique(HTML) 1 Page - Wall Industries,Inc.

  DMW24S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 3Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 4Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 5Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
FEATURES
● 1500VDC Isolation
● 4:1 Ultra Wide Input Range
● Six-Sided Shielding
● UL 94V-0 Package Material
● Efficiency up to 86%
● UL60950-1 Safety Approval
● MTBF > 700,000 Hours
● Complies with EN55022 Class A
● Internal SMT Construction
● Positive Remote On/Off Control (Optional)
DESCRIPTION
The DMW series of DC/DC converters provide up to 15 watts in a 2 x 1 x 0.4 inch package. These converters operate over 4:1 wide input voltage ranges of 9-36VDC
and 18-75VDC. This series also has single and dual output models available. These converters feature efficiency up to 86%, positive remote ON/OFF (optional),
six-sided shielding, 1500VDC isolation, and short circuit protection. This series is ideal for data communication equipment, mobile battery driven equipment,
process/machine control equipment, telecommunication equipment, computer peripheral systems, distributed power systems, mixed analog/digital subsystems, and
industrial robot systems. The EN55022 Class A conducted noise compliance minimizes design time, cost, and eliminates the need for external filter components.
SPECIFICATIONS: DMW Ultra Wide Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
24V nominal input models
9
24
36
VDC
Operating Voltage Range
48V nominal input models
18
48
75
VDC
24V nominal input models
8
8.5
9
VDC
Start Voltage
48V nominal input models
15
17
18
VDC
24V nominal input models
7
8
8.5
VDC
Under Voltage Shutdown
48V nominal input models
13
15
17
VDC
Reverse Polarity Input Current
1
A
Short Circuit Input Power
3500
mW
24V nominal input models
-0.7
50
VDC
Input Surge Voltage (1000ms)
48V nominal input models
-0.7
100
VDC
Input Filter
Pi Filter
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±0.5
±2.0
%
Load Regulation
Io = 10% to 100%
±0.5
±1.0
%
Line Regulation
Vin = min. to max.
±0.1
±0.5
%
Output Power
15
W
Output Current Range
See Table
Ripple & Noise (peak to peak)
20MHz bandwidth
55
80
mVpk-pk
Ripple & Noise (peak to peak)
Over Line, Load, and Temperature
100
mVpk-pk
Ripple & Noise
15
mVrms
Transient Recovery Time (See Note 1)
25% load step change
300
500
μs
Transient Response Deviation
25% load step change
±2
±4
%
POSITIVE REMOTE ON/OFF (See Note 5)
Supply On
2.5 to 5.5VDC or Open Circuit
Supply Off
-0.7
0.8
VDC
Standby Input Current
10
mA
Control Input Current (On)
Vin – RC = 5.0V
50
mA
Control Input Current (Off)
Vin – RC = 0V
-1
mA
Control Common
Referenced to negative input
PROTECTION
Over Power Protection
120
%
Short Circuit Protection
Continuous
24V nominal input models
2500mA Slow-Blow Type
Input Fuse Recommendation
48V nominal input models
1250mA Slow-Blow Type
GENERAL
Efficiency
See Table
Switching Frequency
290
330
400
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1200
1500
pF
Internal Power Dissipation
5,000
mW
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+60
°C
Operating Temperature (Case)
-40
+100
°C
Storage Temperature
-50
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
RFI
Six-sided shielding, metal case
Temperature Coefficient
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
700,000 hours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
1.13oz (32g)
Dimensions
2.0 x 1.0 x 0.4 inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with non-conductive baseplate
Flammability
UL94V-0


Numéro de pièce similaire - DMW24S15-1000

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
DMW24S15-1000 WALL-DMW24S15-1000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S15-1000 WALL-DMW24S15-1000 Datasheet
294Kb / 6P
   Single and Dual Output
More results

Description similaire - DMW24S15-1000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
   9 WATTS REGULATED DC/DC CONVERTERS
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
List of Unclassifed Man...
WR201 ETC1-WR201 Datasheet
516Kb / 2P
   DC/DC Converters 7.5 Watts WR Series
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com