Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N135 Fiches technique(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 6N135
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N135 Fiches technique(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  6N135 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Small Outline SO-8 Package (HCPL-0500/1)
8-Pin Widebody DIP Package (HCNW135/6)
XXX
YWW
4
3
2
1
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.406 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSC
5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45
° X
0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 ± 0.254 (0.205 ± 0.010)
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
0.203 ± 0.102
(0.008 ± 0.004)
7
°
PIN ONE
0 ~ 7
°
*
*
7.49 (0.295)
1.9 (0.075)
0.64 (0.025)
LAND PATTERN RECOMMENDATION
5
6
7
8
LOT ID
EEE
5
6
7
8
4
3
2
1
11.23 ± 0.15
(0.442 ± 0.006)
1.8 ± 0.15
(0.071 ± 0.006)
5.10
(0.201)
MAX.
1.55
(0.061)
MAX.
2.54 (0.100)
TYP.
DIMENSIONS IN MILLIMETERS (INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
7
° TYP.
0.254
+ 0.076
- 0.0051
(0.010
+ 0.003)
- 0.002)
11.00
(0.433)
9.00 ± 0.15
(0.354 ± 0.006)
MAX.
10.16 (0.400)
TYP.
A
HCNWXXXX
YYWW
DATE CODE
TYPE NUMBER
0.51 (0.021) MIN.
0.40 (0.016)
0.56 (0.022)
3.10 (0.122)
3.90 (0.154)
LOT ID
EEE


Numéro de pièce similaire - 6N135

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
598Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Description similaire - 6N135

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com