Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N135 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 6N135
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N135 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N135 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Units
Note
Storage Temperature*
T
S
-55
125
°C
Operating Temperature*
T
A
8-Pin DIP SO-8
-55
100
°C
Widebody
-55
85
Average Forward Input Current*
I
F(AVG)
25
mA
1
Peak Forward Input Current*
(50% duty cycle, 1 ms pulse width)
(50% duty cycle, 1 ms pulse width)
I
F(PEAK)
8-Pin DIP SO-8
50
mA
2
Widebody
40
Peak Transient Input Current*
(≤1 µs pulse width, 300 pps)
I
F(TRANS)
8-Pin DIP SO-8
1
A
Widebody
0.1
Reverse LED Input Voltage* (Pin 3-2)
V
R
8-Pin DIP SO-8
5
V
Widebody
3
Input Power Dissipation*
P
IN
8-Pin DIP SO-8
45
mW
3
Widebody
40
Average Output Current* (Pin 6)
I
O(AVG)
8
mA
Peak Output Current*
I
O(PEAK)
16
mA
Emitter-Base Reverse Voltage* (Pin 5-7)
V
EBR
5
V
Supply Voltage (Pin 8-5)
V
CC
-0.5
30
V
Output Voltage (Pin 6-5)
V
O
-0.5
20
V
Supply Voltage* (Pin 8-5)
V
CC
-0.5
15
V
Output Voltage* (Pin 6-5)
V
O
-0.5
15
V
Base Current* (Pin 7)
I
B
5
mA
Output Power Dissipation*
P
O
100
mW
4
Lead Solder Temperature*
(Through-Hole Parts Only)
1.6 mm below seating plane, 10 seconds
up to seating plane, 10 seconds
T
LS
8-Pin DIP
260
°C
Widebody
260
°C
Reflow Temperature Profile
T
RP
SO-8 and
Option 300
See Package Outline Drawings section
*Data has been registered with JEDEC for the 6N135/6N136.


Numéro de pièce similaire - 6N135

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
598Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Description similaire - 6N135

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com