Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSBD2070CTF Fiches technique(PDF) 5 Page - Silikron Semiconductor Co.,LTD.

No de pièce SSBD2070CTF
Description  Main Product Characteristics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILIKRON [Silikron Semiconductor Co.,LTD.]
Site Internet  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSBD2070CTF Fiches technique(HTML) 5 Page - Silikron Semiconductor Co.,LTD.

  SSBD2070CTF Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSBD2070CTF Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSBD2070CTF Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSBD2070CTF Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSBD2070CTF Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSBD2070CTF Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SSBD2070CT/ SSBD2070CTF
©Silikron Semiconductor CO., LTD.
2011.7.15
Version: 1.0
page
5of6
www.silikron.com
Ordering and Marking Information
Device Marking: SSBD2070CT&SSBD2070CTF
Package (Available)
TO-220&TO220F
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Packag
e Type
Units/
Tube
Tubes/Inne
r
Box
Units/Inne
r
Box
Inner
Boxes/Carton
Box
Units/Carto
n
Box
TO220
50
20
1000
6
6000
TO220F 50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices


Numéro de pièce similaire - SSBD2070CTF

FabricantNo de pièceFiches techniqueDescription
logo
Silikron Semiconductor ...
SSBD20100CT SILIKRON-SSBD20100CT Datasheet
455Kb / 6P
   Main Product Characteristics
SSBD20150CT SILIKRON-SSBD20150CT Datasheet
347Kb / 6P
   Main Product Characteristics
SSBD20150CTF SILIKRON-SSBD20150CTF Datasheet
347Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSBD20300CT SILIKRON-SSBD20300CT Datasheet
324Kb / 6P
   Main Product Characteristics
More results

Description similaire - SSBD2070CTF

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E_15 Datasheet
750Kb / 5P
   Main Product Characteristics
logo
Silikron Semiconductor ...
SSBD10150CT SILIKRON-SSBD10150CT Datasheet
301Kb / 6P
   Main Product Characteristics
SSBD20200CT SILIKRON-SSBD20200CT Datasheet
333Kb / 6P
   Main Product Characteristics
SSF2N60D SILIKRON-SSF2N60D Datasheet
501Kb / 8P
   Main Product Characteristics
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
   Main Product Characteristics
SSBD10100CT SILIKRON-SSBD10100CT Datasheet
468Kb / 6P
   Main Product Characteristics
SSF2N60G SILIKRON-SSF2N60G Datasheet
457Kb / 8P
   Main Product Characteristics
SSF4N60F SILIKRON-SSF4N60F Datasheet
529Kb / 8P
   Main Product Characteristics
SSF5N50D SILIKRON-SSF5N50D Datasheet
526Kb / 8P
   Main Product Characteristics
SSF5N60D SILIKRON-SSF5N60D Datasheet
489Kb / 8P
   Main Product Characteristics
SSBD2060CT SILIKRON-SSBD2060CT Datasheet
488Kb / 6P
   Main Product Characteristics
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com