Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA12209F Fiches technique(PDF) 12 Page - Hitachi Semiconductor

No de pièce HA12209F
Description  Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12209F Fiches technique(HTML) 12 Page - Hitachi Semiconductor

Back Button HA12209F Datasheet HTML 8Page - Hitachi Semiconductor HA12209F Datasheet HTML 9Page - Hitachi Semiconductor HA12209F Datasheet HTML 10Page - Hitachi Semiconductor HA12209F Datasheet HTML 11Page - Hitachi Semiconductor HA12209F Datasheet HTML 12Page - Hitachi Semiconductor HA12209F Datasheet HTML 13Page - Hitachi Semiconductor HA12209F Datasheet HTML 14Page - Hitachi Semiconductor HA12209F Datasheet HTML 15Page - Hitachi Semiconductor HA12209F Datasheet HTML 16Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
HA12209F
Rev.2, Jun. 1999, page 12 of 49
Music Sensor Output (MSOUT)
As for internal circuit of music sensor block, music sensor out pin is connected to the collector of NPN type
directly, output level will be “high” when sensing no signal. And output level will be “low” when sensing
signal.
Connection with microcomputer, it is requested to use external pull up resistor (R
L = 10k to 22kΩ)
Note:
Supply voltage of MSOUT pin must be less than V
CC voltage.
The Tolerances of External Components
For Dolby NR precision securing, please use external components shown at figure 7.
If leak-current are a few electrolytic-capacitor, it can be applicable to C2 and C15.
39
C2
0.1
µ
±10%
C15
0.1
µ
±10%
R1
33k
±2%
1
4
BIAS1
DET (L)
DET (R)
HA12209
R :
C : F
Unit
Figure 7 Tolerance of External Components
Low-Boost
EQOUT
CEX3
0.47
µ
CEX4
0.47
µ
REX3
5.1k
EQIN
Vin
GND
+
REX2
6.8k
R :
C : F
Unit
REC EQ
CEX2
2.2
µ
REX1
20k
Figure 8 Example of Low Boost Circuit


Numéro de pièce similaire - HA12209F

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12203 HITACHI-HA12203 Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12204NT HITACHI-HA12204NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12206 HITACHI-HA12206 Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
More results

Description similaire - HA12209F

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Hitachi Semiconductor
HA12215F HITACHI-HA12215F Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com