Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HA12192F Datasheet(Fiches technique) 49 Page - Hitachi Semiconductor

Numéro de pièce HA12192F
Description  Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo 

 49 page
background image
HA12192F/HA12197F/HA12212F Series
Rev.5, Jun. 1999, page 49 of 89
1.0
0.01
–10
–50
5
10
15
NR-OFF 120
µ
NR-OFF
70
µ
NR-ON
120
µ
NR-ON
70
µ
VCC = 9 V
EQin
PBout
f = 1 kHz
0 dB = 387.5 mVrms
0.1
20
5
–10
–50
5
10
15
0.01
0.1
1.0
5
NR-OFF 120
µ
NR-OFF
70
µ
NR-ON
120
µ
NR-ON
70
µ
VCC = 9 V
EQIN
PBOUT
f = 1 kHz
0 dB = 450 mVrms
20
Output Level Vout (dB)
Total Harmonic Distortion vs.
Output Level (HA12194F)
Output Level Vout (dB)
Total Harmonic Distortion vs.
Output Level (HA12193F)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HA12228FAudio Signal Processor for Car Deck Decode only Dolby B-type NR with PB Amp. 1 2 3 4 5 MoreHitachi Semiconductor
HA12163Audio Signal Processor for Car Deck and Cassette Deck Dolby B-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
HA12216FAudio Signal Processor for Car Deck Decode only Dolby B type NR with PB Amp. 1 2 3 4 5 MoreHitachi Semiconductor
HA12173Audio Signal Processor for Car Deck and Cassette Deck Dolby B/C-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
HA12155NTAudio Signal Processor for Cassette Deck Dolby B/C-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
HA12179FAudio Signal Processer for Car Deck and Cassette Deck Dolby B-type NR with PB Amp 1 2 3 4 5 MoreHitachi Semiconductor
HA12226FAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
HA12231FPAudio Signal Processor for Car Deck PB 1 Chip 1 2 3 4 5 MoreHitachi Semiconductor
HA12203NTAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
HA12209FAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl