Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA12173 Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce HA12173
Description  Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12173 Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  HA12173 Datasheet HTML 1Page - Hitachi Semiconductor HA12173 Datasheet HTML 2Page - Hitachi Semiconductor HA12173 Datasheet HTML 3Page - Hitachi Semiconductor HA12173 Datasheet HTML 4Page - Hitachi Semiconductor HA12173 Datasheet HTML 5Page - Hitachi Semiconductor HA12173 Datasheet HTML 6Page - Hitachi Semiconductor HA12173 Datasheet HTML 7Page - Hitachi Semiconductor HA12173 Datasheet HTML 8Page - Hitachi Semiconductor HA12173 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
HA12173 Series
Rev.1, Nov. 1992, page 2 of 66
Ordering Information
Operating voltage range*
1
Products
PB-OUT level
REC-OUT level
Dolby-level
Min
Max
HA12173
300 mVrms
300 mVrms
300 mVrms
7.0V
16V
HA12174
450 mVrms
300 mVrms
300 mVrms
8.0V
16V
HA12175
580 mVrms
300 mVrms
300 mVrms
9.5V
16V
HA12177
775 mVrms
300 mVrms
300 mVrms
12.0V
16V
Note:
1. The minimum operating voltage of HA12173 series are defferent from the HA12163 series
(Dolby B - type).
Pin Description (V
CC = 9 V Single supply, Ta = 25°C, No signal, The value in the table
show typical value)
Pin No.
Terminal
name
Zin
DC
voltage Equivalent circuit
Description
2, 41
TAI
100 k
Ω V
CC/2
VCC / 2
Tape input
4, 39
RAI
Radio input
25
MSI
Music sensor
rectifier input
10, 33
HLS DET
2.5 V
Time constant
pin for rectifier
11, 32
LLS DET
3
BIAS
0.28 V
GND
Reference
current input


Numéro de pièce similaire - HA12173

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12170NT HITACHI-HA12170NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
More results

Description similaire - HA12173

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12155NT HITACHI-HA12155NT Datasheet
463Kb / 57P
   Audio Signal Processor for Cassette Deck (Dolby B/C-type NR with Recording System)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com