Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA12167FB Fiches technique(PDF) 1 Page - Hitachi Semiconductor

No de pièce HA12167FB
Description  Audio Signal Processor for Cassette Deck (Deck 1 Chip)
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12167FB Fiches technique(HTML) 1 Page - Hitachi Semiconductor

  HA12167FB Datasheet HTML 1Page - Hitachi Semiconductor HA12167FB Datasheet HTML 2Page - Hitachi Semiconductor HA12167FB Datasheet HTML 3Page - Hitachi Semiconductor HA12167FB Datasheet HTML 4Page - Hitachi Semiconductor HA12167FB Datasheet HTML 5Page - Hitachi Semiconductor HA12167FB Datasheet HTML 6Page - Hitachi Semiconductor HA12167FB Datasheet HTML 7Page - Hitachi Semiconductor HA12167FB Datasheet HTML 8Page - Hitachi Semiconductor HA12167FB Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
HA12167FB/HA12169FB
Audio Signal Processor for Cassette Deck (Deck 1 Chip)
ADE-207-110B (Z)
3rd. Edition
June 1997
Description
HA12167FB/HA12169FB is silicon monolithic bipolar IC providing REC volume system, Level meter
system and Dolby noise reduction system in one chip.
Functions
• REC equalizer
× 2 channel
• Equalizer volume
× 2 channel
• Dolby B/C NR
× 2 channel
• REC/PB input electronic volume
× 2 channel
• Level Meter
× 2 channel
• DAC for adjusting bias
× 2 channel
Features
• Available to create characteristics of REC equalizer by changing external resistor, no coil
• Equalizer volume is available to calibrate recording automatically with micro-controller
• Electronic volume built-in is available to set the level of recording and play back automatically with
micro-controller
• 4 types of input (3 out of 4 are by way of electronic volume)
• Input electronic control switching is irrelevant to REC/PB electronic control switching
• Dolby noise reduction system is available with double cassette decks (Unprocessed signal output
available from recording out terminals during PB mode)
• Log-compressed level meter output is range from 0 V to 5 V (Usable as music search switchable gain of
0 dB and 20 dB respectively)
• Normal-speed/high-speed, normal/metal/chrome fully electronic control switching built-in
• NR-ON/OFF, Dolby B/C, MPX ON/OFF fully electronic control switching built-in
• Reduction of the number of pins by transfered serial data to electronic volume control switching and
another control switching (Controllable from micro-controller directly)
• Small the number of external parts


Numéro de pièce similaire - HA12167FB

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12160 HITACHI-HA12160 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12161FP HITACHI-HA12161FP Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12162FP HITACHI-HA12162FP Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12164 HITACHI-HA12164 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
More results

Description similaire - HA12167FB

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
logo
Renesas Technology Corp
HA12230NT RENESAS-HA12230NT Datasheet
325Kb / 34P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12207NT HITACHI-HA12207NT Datasheet
148Kb / 27P
   Audio Signal Processor for Cassette Deck
HA12219NT HITACHI-HA12219NT Datasheet
169Kb / 29P
   Audio Signal Processor for Cassette Deck
HA12230NT HITACHI-HA12230NT Datasheet
226Kb / 32P
   Audio Signal Processor for Cassette Deck
logo
Sony Corporation
CXA1599Q SONY-CXA1599Q Datasheet
600Kb / 23P
   1-chip Cassette Deck
logo
Renesas Technology Corp
HA12231FP RENESAS-HA12231FP Datasheet
326Kb / 23P
   Audio Signal Processor for Car Deck (PB 1 Chip)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com