Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD-K2 Fiches technique(PDF) 7 Page - SYNERGY MICROWAVE CORPORATION

No de pièce SLD-K2
Description  DOUBLE-BALANCED MIXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SLD-K2 Fiches technique(HTML) 7 Page - SYNERGY MICROWAVE CORPORATION

  SLD-K2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5 - 1000 MHz
DOUBLE-BALANCED MIXER
SURFACE MOUNT MODEL: SLD-K2
WIDE BANDWIDTH
[ 7 of 7 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
-40
-35
-30
-25
-20
-15
-10
-5
0
0.3
100.3 200.3 300.3 400.3 500.3 600.3 700.3 800.3 900.3 1000.3
Frequency (MHz)
LO = 1000 MHz
LO=4 dBm
LO=7 dBm
LO=10 dBm
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
LO = 100 MHz
LO = 4 dBm
LO = 7 dBm
LO = 10 dBm


Numéro de pièce similaire - SLD-K2

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
SLD-K1 SYNERGY-SLD-K1 Datasheet
231Kb / 2P
   DOUBLE-BALANCED MIXER
SLD-K5 SYNERGY-SLD-K5 Datasheet
54Kb / 2P
   MIXERS TRIPLE-BALANCED
SLD-K5H SYNERGY-SLD-K5H Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
SLD-K5M SYNERGY-SLD-K5M Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
More results

Description similaire - SLD-K2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com