Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD5-25D2415 Fiches technique(PDF) 1 Page - Tumbler Technologies + TRUMPower

No de pièce TD5-25D2415
Description  DC/DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRUMPOWER [Tumbler Technologies + TRUMPower]
Site Internet  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD5-25D2415 Fiches technique(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD5-25D2415 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
Rev. A
-01/2008-
OUTPUT
CURRENT
OUTPUT
POWER
18-36 VDC IN
36-72 VDC IN
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input..................................12 VDC
18-36V Input................................24 VDC
36-72V Input................................48 VDC
Input Filter.......................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±1%, Max.
Voltage Balance (Dual Output).................................±1%
Line Regulation.............................................±0.5%, Max.
Load Regulation............................................±0.5%, Max.
Ripple and Noise, 20MHz BW...............100mVp-p, Max.
Short Circuit Protection..................................Continuous
Short Circuit Restart.........................................Automatic
.
GENERAL SPECIFICATIONS
Efficiency........................................................79% - 88%
Isolation Voltage, Input to Output............1,500 VDC, Min.
Switching Frequency, 10W/15W...............200K Hz, Typ.
Operating Temperature............................-25°C to +85°C
Derating .................................3.57%/°C, +71°C to +85°C
Case Temperature......................................+100ºC, Max.
Storage Temperature Range.................-40°C to +125°C
Cooling..............................................Free Air Convection
Weight..................................................2.1 oz. (60 grams)
Case Material...............Metal with Non-Conductive Base
0.20
(5.1)
2.00
(50.8)
0.50
(12.7)
0.30
(7.6)
0.1
(2.5)
BOTTOM
VIEW
+OUT
+IN
-OUT
-IN
0.80
(20.3)
0.60
(15.2)
COM/NC*
0.90
(22.9)
2.00
(50.8)
9-18 VDC IN
TD5-25S4805
TD5-25S4812
TD5-25S4815
TD5-25S4824
TD5-25D4805
TD5-25D4812
TD5-25D4815
TD5-25D4824
TD5-25S1205
TD5-25S1212
TD5-25S1215
TD5-25S1224
TD5-25D1205
TD5-25D1212
TD5-25D1215
TD5-25D1224
25W
25W
25W
25W
25W
25W
25W
25W
5000 mA
2083 mA
1666 mA
1041 mA
±2500 mA
±1041 mA
±833 mA
±520 mA
5 VDC
12 VDC
15 VDC
24 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
TD5-25S2405
TD5-25S2412
TD5-25S2415
TD5-24S2424
TD5-25D2405
TD5-25D2412
TD5-25D2415
TD5-25D2424
0.22
(5.6)
* NC (NO CONNECTION) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
0.40
(10.16)
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
TD5 Series
2:1 Input, 25 Watts
T
Other input/output combinations available.


Numéro de pièce similaire - TD5-25D2415

FabricantNo de pièceFiches techniqueDescription
logo
Tumbler Technologies + ...
TD5-25D2415 TRUMPOWER-TD5-25D2415 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
More results

Description similaire - TD5-25D2415

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com