Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFCPH181254-10 Fiches technique(PDF) 5 Page - SYNERGY MICROWAVE CORPORATION

No de pièce LFCPH181254-10
Description  Parallel addressable SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFCPH181254-10 Fiches technique(HTML) 5 Page - SYNERGY MICROWAVE CORPORATION

  LFCPH181254-10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION LFCPH181254-10 Datasheet HTML 8Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
parallel addressable sYNTHesIZer
sUrFaCe MOUNT MOdel: lFCpH181254-10
1800 - 2540 MHz
selectable frequency
[ 5 of 8 ]
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
HarMOnIc suPPressIOn
A
CLRWR
SGL
Ref 10 dBm
Att 35 dB
1 AP
1.095 GHz/
Start 1.8 GHz
Stop 12.75 GHz
*
3DB
RBW 300 kHz
SWT 1.5 s
*VBW 20 kHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
8.28 dBm
2.449278846 GHz
2
Delta 2 [T1 ]
-56.02 dB
4.895913462 GHz
3
Delta 3 [T1 ]
-56.02 dB
4.895913462 GHz
4
Delta 4 [T1 ]
-56.02 dB
4.895913462 GHz
1
Delta 1 [T1 ]
-50.40 dB
2.439182692 GHz
Date: 17.AUG.2009 16:20:54
A
CLRWR
SGL
Ref 10 dBm
Att 35 dB
1 AP
300 kHz/
Center 2.45 GHz
Span 3 MHz
*
*
3DB
RBW 500 Hz
VBW 1 kHz
SWT 12 s
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
8.26 dBm
2.450000000 GHz
2
Delta 2 [T1 ]
-62.12 dB
14.423076923 kHz
3
Delta 3 [T1 ]
-87.17 dB
-1.000000000 MHz
4
Delta 4 [T1 ]
-78.29 dB
1.173076923 MHz
1
Delta 1 [T1 ]
-90.15 dB
1.000000000 MHz
Date: 17.AUG.2009 16:20:05
reference sIDebanD suPPressIOn


Numéro de pièce similaire - LFCPH181254-10

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
LFCPH100145-10 SYNERGY-LFCPH100145-10 Datasheet
500Kb / 8P
   PARALLEL ADDRESSABLE SYNTHESIZER
More results

Description similaire - LFCPH181254-10

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
LFCPH100145-10 SYNERGY-LFCPH100145-10 Datasheet
500Kb / 8P
   PARALLEL ADDRESSABLE SYNTHESIZER
KFCPL65120-10 SYNERGY-KFCPL65120-10 Datasheet
381Kb / 8P
   Parallel addressable SYNTHESIZER
logo
Motorola, Inc
MC145156 MOTOROLA-MC145156 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Gamewell-FCI by Honeywe...
AM500 GAMEWELL-FCI-AM500 Datasheet
328Kb / 2P
   Addressable Module
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
   Addressable relay driver
August 31, 1994
logo
Gamewell-FCI by Honeywe...
IDU GAMEWELL-FCI-IDU Datasheet
60Kb / 1P
   Addressable Interface Unit
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com