Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT573 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HCT573
Description  Octal D-type transparent latch 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT573 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HCT573 Datasheet HTML 1Page - NXP Semiconductors 74HCT573 Datasheet HTML 2Page - NXP Semiconductors 74HCT573 Datasheet HTML 3Page - NXP Semiconductors 74HCT573 Datasheet HTML 4Page - NXP Semiconductors 74HCT573 Datasheet HTML 5Page - NXP Semiconductors 74HCT573 Datasheet HTML 6Page - NXP Semiconductors 74HCT573 Datasheet HTML 7Page - NXP Semiconductors 74HCT573 Datasheet HTML 8Page - NXP Semiconductors 74HCT573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 15 August 2012
4 of 21
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input
Fig 5.
Pin configuration DIP20, SO20, SSOP20 and
TSSOP20
Fig 6.
Pin configuration DHVQFN20
001aae076
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
LE
74HC573
74HCT573
001aae077
74HC573
74HCT573
Transparent top view
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
D1
Q1
D0
GND(1)
Q0
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
OE
1
3-state output enable input (active LOW)
D[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
LE
11
latch enable input (active HIGH)
Q[0:7]
19, 18, 17, 16, 15, 14, 13, 12 3-state latch output
VCC
20
supply voltage


Numéro de pièce similaire - 74HCT573

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT573 PHILIPS-74HCT573 Datasheet
61Kb / 7P
   Octal D-type transparent latch; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT573 NEXPERIA-74HCT573 Datasheet
279Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
logo
NXP Semiconductors
74HCT573-Q100 NXP-74HCT573-Q100 Datasheet
253Kb / 19P
   Octal D-type transparent latch; 3-state
Rev. 2-16 August 2012
logo
Nexperia B.V. All right...
74HCT573-Q100 NEXPERIA-74HCT573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
74HCT573BQ NEXPERIA-74HCT573BQ Datasheet
279Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 10 September 2021
More results

Description similaire - 74HCT573

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com