Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-45V16AD641KF-A75 Fiches technique(PDF) 11 Page - NEC

No de pièce MC-45V16AD641KF-A75
Description  16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

MC-45V16AD641KF-A75 Fiches technique(HTML) 11 Page - NEC

  MC-45V16AD641KF-A75 Datasheet HTML 1Page - NEC MC-45V16AD641KF-A75 Datasheet HTML 2Page - NEC MC-45V16AD641KF-A75 Datasheet HTML 3Page - NEC MC-45V16AD641KF-A75 Datasheet HTML 4Page - NEC MC-45V16AD641KF-A75 Datasheet HTML 5Page - NEC MC-45V16AD641KF-A75 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 6 page
background image
Data Sheet M13823EJ6V0DS00
11
MC-45V16AD641
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written
into serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD
memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
08H
0
0
0
0
1
0
0
0
VC SDRAM
3
Number of row addresses
0DH
0
0
0
0
1
1
0
1
13 rows
4
Number of column addresses
07H
0
0
0
0
0
1
1
1
7 columns
5
Number of banks
02H
0
0
0
0
0
0
1
0
2 banks
6
Data width
40H
0
1
0
0
0
0
0
0
64 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface standard
01H
0
0
0
0
0
0
0
1
LVTTL
9
Read latency (/CAS latency) = 2
-A75
75H
0
1
1
1
0
1
0
1
7.5 ns
cycle time
-A10
A0H
1
0
1
0
0
0
0
0
10 ns
10
Read latency (/CAS latency) = 2
-A75
54H
0
1
0
1
0
1
0
0
5.4 ns
access time
-A10
60H
01
10
00
00
6 ns
11
DIMM configuration type
00H
0
0
0
0
0
0
0
0
None
12
Refresh rate / type
80H
1
0
0
0
0
0
0
0
Normal
13
VC SDRAM width
08H
00
00
10
00
×8
14
Error checking SDRAM width
00H
0
0
0
0
0
0
0
0
None
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
1FH
0
0
0
1
1
1
1
1
1, 2, 4, 8, 16
17
Number of banks on each VC SDRAM
02H
0
0
0
0
0
0
1
0
2 banks
18
Read latency (/CAS latency) supported
02H
0
0
0
0
0
0
1
0
2
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
VC SDRAM module attributes
00H
0
0
0
0
0
0
0
0
22
VC SDRAM device attributes : general
0EH
0
0
0
0
1
1
1
0
23-26
00H
0
0
0
0
0
0
0
0
27
tRP (MIN.)
-A75
14H
0
0
0
1
0
1
0
0
20 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD (MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
29
tAPD (MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
30
tRAS (MIN.)
-A75
34H
0
0
1
1
0
1
0
0
52 ns
-A10
3CH
0
0
1
1
1
1
0
0
60 ns
5
5


Numéro de pièce similaire - MC-45V16AD641KF-A75

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS-A75 ELPIDA-MC-45V16AD642KS-A75 Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
More results

Description similaire - MC-45V16AD641KF-A75

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com