Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2685 Fiches technique(PDF) 7 Page - Hitachi Semiconductor

No de pièce 2SK2685
Description  GaAs HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2685 Fiches technique(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SK2685 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 9Page - Hitachi Semiconductor 2SK2685 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK2685
7
S Parameter (V
DS = 1 V, ID = 10 mA, ZO = 50 )
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.996
–4.8
5.12
175.8
0.00691
89.8
0.688
–3.2
400
0.980
–9.5
5.13
169.9
0.0143
88.2
0.682
–6.5
600
0.977
–15.0
5.07
165.4
0.0210
83.3
0.674
–10.6
800
0.970
–19.9
4.94
161.6
0.0276
81.5
0.668
–13.8
1000
0.952
–24.4
4.84
156.5
0.0399
79.3
0.658
–17.2
1200
0.938
–29.2
4.74
152.7
0.0404
76.0
0.648
–20.7
1400
0.916
–34.0
4.67
147.7
0.0462
74.8
0.636
–23.7
1600
0.896
–38.2
4.55
144.1
0.0523
73.1
0.622
–27.1
1800
0.882
–42.9
4.47
140.0
0.0578
72.0
0.611
–29.9
2000
0.859
–47.1
4.36
135.8
0.0630
70.3
0.597
–33.1
S Parameter (V
DS = 3 V, ID = 10 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.998
–4.0
5.13
175.8
0.00581
89.8
0.802
–3.2
400
0.988
–9.2
5.14
170.1
0.0110
85.5
0.796
–6.5
600
0.978
–14.5
5.08
165.2
0.0163
83.3
0.790
–9.8
800
0.968
–19.4
4.95
161.4
0.0216
82.0
0.783
–13.3
1000
0.953
–24.2
4.85
156.4
0.0363
79.2
0.774
–16.4
1200
0.937
–28.7
4.75
152.5
0.0312
76.5
0.764
–19.4
1400
0.917
–33.3
4.68
147.8
0.0358
75.3
0.753
–22.5
1600
0.900
–37.5
4.57
144.0
0.0401
73.2
0.742
–25.4
1800
0.883
–41.9
4.49
140.1
0.0442
72.8
0.731
–28.1
2000
0.858
–46.1
4.37
135.9
0.0477
71.4
0.718
–31.1


Numéro de pièce similaire - 2SK2685

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK2680LS ISC-2SK2680LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK2682LS SANYO-2SK2682LS Datasheet
30Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Inchange Semiconductor ...
2SK2682LS ISC-2SK2682LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK2683LS SANYO-2SK2683LS Datasheet
49Kb / 3P
   General-Purpose Switching Device
logo
Inchange Semiconductor ...
2SK2683LS ISC-2SK2683LS Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK2685

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Mimix Broadband
CF001-03 MIMIX-CF001-03_08 Datasheet
497Kb / 4P
   GaAs Pseudomorphic HEMT Transistor
logo
Eudyna Devices Inc
FLC087XP EUDYNA-FLC087XP Datasheet
58Kb / 4P
   GaAs FET & HEMT Chips
FLK057XV EUDYNA-FLK057XV Datasheet
58Kb / 4P
   GaAs FET & HEMT Chips
logo
Mitsubishi Electric Sem...
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
   Low Noise GaAs HEMT
logo
Eudyna Devices Inc
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
   GaAs FET & HEMT Chips
FHX45X EUDYNA-FHX45X Datasheet
62Kb / 4P
   GaAs FET & HEMT Chips
FSX027X EUDYNA-FSX027X Datasheet
57Kb / 4P
   GaAs FET & HEMT Chips
logo
Mitsubishi Electric Sem...
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
   Low Noise GaAs HEMT
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102_09 Datasheet
187Kb / 6P
   GaAs HEMT MMIC WIDEBAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com