Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-45D32CC721 Fiches technique(PDF) 2 Page - NEC

No de pièce MC-45D32CC721
Description  32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

MC-45D32CC721 Fiches technique(HTML) 2 Page - NEC

  MC-45D32CC721 Datasheet HTML 1Page - NEC MC-45D32CC721 Datasheet HTML 2Page - NEC MC-45D32CC721 Datasheet HTML 3Page - NEC MC-45D32CC721 Datasheet HTML 4Page - NEC MC-45D32CC721 Datasheet HTML 5Page - NEC MC-45D32CC721 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Data Sheet M14900EJ1V0DS00
2
MC-45D32CC721
Ordering Information
Part number
Clock frequency
(MAX.)
Package
Mounted devices
MC-45D32CC721KFA-C75
133 MHz
184-pin Dual In-line Memory Module
18 pieces of
µPD45D128842G5 (Rev. K)
(Socket Type)
(10.16 mm (400) TSOP (II))
MC-45D32CC721KFA-C80
125 MHz
Edge connector: Gold plated
31.75 mm height


Numéro de pièce similaire - MC-45D32CC721

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721KFA-C75 ELPIDA-MC-45D32CC721KFA-C75 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721KFA-C80 ELPIDA-MC-45D32CC721KFA-C80 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Description similaire - MC-45D32CC721

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CD641 ELPIDA-MC-45D32CD641 Datasheet
184Kb / 16P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-454AC724 NEC-MC-454AC724 Datasheet
660Kb / 12P
   4M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com