Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PTN3381DBS Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce PTN3381DBS
Description  Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTN3381DBS Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button PTN3381DBS Datasheet HTML 6Page - NXP Semiconductors PTN3381DBS Datasheet HTML 7Page - NXP Semiconductors PTN3381DBS Datasheet HTML 8Page - NXP Semiconductors PTN3381DBS Datasheet HTML 9Page - NXP Semiconductors PTN3381DBS Datasheet HTML 10Page - NXP Semiconductors PTN3381DBS Datasheet HTML 11Page - NXP Semiconductors PTN3381DBS Datasheet HTML 12Page - NXP Semiconductors PTN3381DBS Datasheet HTML 13Page - NXP Semiconductors PTN3381DBS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PTN3381D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 26 July 2012
10 of 30
NXP Semiconductors
PTN3381D
Fully integrated HDMI/DVI level shifter supporting 3 Gbit/s operation
7.1 Enable and disable features
PTN3381D offers different ways to enable or disable functionality, using the Output
Enable (OE_N), and DDC Enable (DDC_EN) inputs. Whenever the PTN3381D is
disabled, the device will be in standby mode and power consumption will be minimal;
otherwise the PTN3381D will be in active mode and power consumption will be nominal.
These two inputs each affect the operation of PTN3381D differently: OE_N controls the
TMDS channels, DDC_EN affects only the DDC channel, and HPD_SINK does not affect
either of the channels. The following sections and truth table describe their detailed
operation.
7.1.1 Hot plug detect
The HPD channel of PTN3381D functions as a level-shifting buffer to pass the HPD logic
signal from the display sink device (via input HPD_SINK) on to the display source device
(via output HPD_SOURCE).
The output logic state of HPD_SOURCE output always follows the logic state of input
HPD_SINK, regardless of whether the device is in active or standby mode.
7.1.2 Output Enable function (OE_N)
When input OE_N is asserted (active LOW), the IN_Dx and OUT_Dx signals are fully
functional. Input termination resistors are enabled and the internal bias circuits are turned
on.
When OE_N is de-asserted (inactive HIGH), the OUT_Dx outputs are in a
high-impedance state and drive zero output current. The IN_Dx input buffers are disabled
and IN_Dx termination is disabled. Power consumption is minimized.
Remark: Note that OE_N signal level has no influence on the HPD_SINK input,
HPD_SOURCE output, or the SCL and SDA level shifters. A transition from HIGH to LOW
at OE_N may disable the DDC channel for up to 20
s.
7.1.3 DDC channel enable function (DDC_EN)
The DDC_EN pin is active HIGH and can be used to isolate a badly behaved slave. When
DDC_EN is LOW, the DDC channel is turned off. The DDC_EN input should never
change state during an I2C-bus operation. Note that disabling DDC_EN during a bus
operation may hang the bus, while enabling DDC_EN during bus traffic would corrupt the
I2C-bus operation. Hence, DDC_EN should only be toggled while the bus is idle. (See
I2C-bus specification).


Numéro de pièce similaire - PTN3381DBS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PTN3381DBS NXP-PTN3381DBS Datasheet
264Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation
Rev. 2-26 July 2012
More results

Description similaire - PTN3381DBS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PTN3381D NXP-PTN3381D Datasheet
264Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation
Rev. 2-26 July 2012
PTN3360D NXP-PTN3360D Datasheet
192Kb / 24P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 3 Gbit/s operation
Rev. 4-29 June 2012
PTN3361C NXP-PTN3361C Datasheet
436Kb / 30P
   Enhanced performance HDMI/DVI level shifter with active DDC buffer, supporting 1.65 Gbit/s operation
Rev. 1.1-28 July 2015
PTN3381B PHILIPS-PTN3381B Datasheet
649Kb / 30P
   Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detect support and active DDC buffer
Rev. 2-15 October 2010
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3361B NXP-PTN3361B Datasheet
155Kb / 29P
   HDMI/DVI level shifter with dongle detect support and active DDC buffer
Rev. 02-7 October 2009
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com