Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1532 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FIN1532
Description  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FIN1532 Datasheet HTML 1Page - Fairchild Semiconductor FIN1532 Datasheet HTML 2Page - Fairchild Semiconductor FIN1532 Datasheet HTML 3Page - Fairchild Semiconductor FIN1532 Datasheet HTML 4Page - Fairchild Semiconductor FIN1532 Datasheet HTML 5Page - Fairchild Semiconductor FIN1532 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500504
www.fairchildsemi.com
December 2001
Revised December 2001
FIN1532
5V LVDS 4-Bit High Speed Differential Receiver
General Description
This quad receiver is designed for high speed intercon-
nects utilizing Low Voltage Differential Signaling (LVDS)
technology. The receiver translates LVDS levels, with a typ-
ical differential input threshold of 100 mV, to LVTTL signal
levels. LVDS provides low EMI at ultra low power dissipa-
tion even at high frequencies. This device is ideal for high
speed transfer of clock and data.
The FIN1532 can be paired with its companion driver, the
FIN1531, or any other LVDS driver.
Features
s Greater than 400Mbs data rate
s 5V power supply operation
s 0.5 ns maximum differential pulse skew
s 3 ns maximum propagation delay
s Low power dissipation
s Power-Off protection for inputs and outputs
s Fail safe protection for open-circuit, shorted and termi-
nated receiver inputs
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Pin compatible with equivalent RS-422
and PECL devices
s 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Fail Safe
= Open, Shorted, Terminated
Connection Diagram
Top View
Order Number
Package Number
Package Description
FIN1532M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1532MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
ROUT1, ROUT2, ROUT3, ROUT4 LVTTL Data Outputs
RIN1+, RIN2+, RIN3+, RIN4+
Non-inverting LVDS Inputs
RIN1−, RIN2−, RIN3−, RIN4−
Inverting LVDS Inputs
EN
Driver Enable Pin
EN
Inverting Driver Enable Pin
VCC
Power Supply
GND
Ground
Input
Outputs
EN
EN
RIN+
RIN+
ROUT
HXH
L
H
HX
L
H
L
H
X
Fail Safe Condition
H
XL
H
L
H
XL
L
H
L
X
L
Fail Safe Condition
H
LH
X
Z


Numéro de pièce similaire - FIN1532

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results

Description similaire - FIN1532

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1531 FAIRCHILD-FIN1531 Datasheet
206Kb / 6P
   5V LVDS 4-Bit High Speed Differential Driver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com