Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT16-J2 Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CAT16-J2
Description  CAT/CAY 16 Series - Chip Resistor Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT16-J2 Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CAT16-J2 Datasheet HTML 1Page - Bourns Electronic Solutions CAT16-J2 Datasheet HTML 2Page - Bourns Electronic Solutions CAT16-J2 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
RoHS compliant*
Convex and concave terminals
2, 4 or 8 isolated elements available
Resistance tolerance ±1 % and ±5 %
Resistance range: 10 ohms to 1 megohm
CAT/CAY 16 Series - Chip Resistor Arrays
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Specifications
How To Order
CA Y 16 - 103 J 4 LF
Chip Arrays
Type
• CAT16 = Concave Terminations
• CAY16 = Convex Terminations
Resistance Code
• 103 = 10 K ohms
• 1003 = 100 K ohms (1 % tolerance)
• 000 = Zero-ohm
Resistance Tolerance
• J = ±5 % (Use “J” for zero-ohm jumper)
• F = ±1 % (4 resistor pkg. and CAT16-F8)
Resistors
• 2 = 2 Isolated Resistors
• 4 = 4 Isolated Resistors
• 8 = 8 Isolated Resistors
Terminations
• LF = Tin-plated (RoHS compliant)
Requirement
Characteristics
Test Method
Short Time Overload
±2 % +0.1 ohm
Rated Voltage X 2.5, 5 seconds
Soldering Heat
±2 % +0.1 ohm
260 °C ±5 °C, 10 seconds ±1 second
Temperature Cycling (5)
±1 % + 0.1 ohm
125 °C (30 minutes) - normal (15 minutes)
-55 °C (30 minutes) - normal (15 minutes)
Moisture Load Life
±3 % +0.1 ohm
1000 hours
Load Life
±3 % +0.1 ohm
1000 hours
Characteristics
Characteristics
CAT16/CAY16
Number of Elements
2 (J2), 4 (F4, J4), 8 (F8, J8)
Power Rating Per Resistor
62 mW (31 mW for CAY16-J8)
Temperature Coefficient of Resistance
±200 PPM/°C
Resistance Tolerance
±1 %, ±5 %
Resistance Range: E24 (J), E96 + E24 (F)
10 ohms - 1 megohm
Zero-Ohm Jumper < 0.05 ohm
Max. Working Voltage
50 V (25 V for CAY16-J8)
Operating Temp. Range
-55 °C - 125 °C
Packaging Size
J2 .......... 0606 Package Size
F4, J4 .... 1206 Package Size
F8 .......... 2406 Package Size for CAT16
J8 .......... 2406 Package Size for CAT16;
1506 Package Size for CAY16
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.
Schematics
R1
R2
R1
R2
R3
R4
CAT16-F4, -J4
CAY16-F4, -J4
R1
R2
R3
R4
CAT16-F8, -J8
CAY16-J8
R5
R6
R7
R8
CAT16-J2
CAY16-J2
Soldering Profile for RoHS Compliant Chip Resistors and Arrays
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>


Numéro de pièce similaire - CAT16-J2

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CAT16-J2 BOURNS-CAT16-J2 Datasheet
535Kb / 3P
   Chip Resistor Arrays Resistance range: 10 ohms to 1 megohm
CAT16-J2 BOURNS-CAT16-J2 Datasheet
485Kb / 4P
   Chip Resistor Arrays
CAT16-J2 BOURNS-CAT16-J2 Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-J2 BOURNS-CAT16-J2 Datasheet
535Kb / 3P
   Convex and concave terminals
CAT16-J2 BOURNS-CAT16-J2 Datasheet
552Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results

Description similaire - CAT16-J2

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CAT16-104J4LF BOURNS-CAT16-104J4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-680J4LF BOURNS-CAY16-680J4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-49R9F4LF BOURNS-CAY16-49R9F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-4701F4LF BOURNS-CAY16-4701F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-2003F4LF BOURNS-CAT16-2003F4LF Datasheet
474Kb / 3P
   CAT CAY 16 Series - Chip Resistor Arrays
CAY16-330J8LF BOURNS-CAY16-330J8LF Datasheet
474Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-470J4LF BOURNS-CAY16-470J4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-1002F4LF BOURNS-CAY16-1002F4LF Datasheet
474Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-183J4LF BOURNS-CAY16-183J4LF Datasheet
552Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CA0612KRX7R9BB102 BOURNS-CA0612KRX7R9BB102 Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com