Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1157 Fiches technique(PDF) 6 Page - Hitachi Semiconductor

No de pièce 2SK1157
Description  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1157 Fiches technique(HTML) 6 Page - Hitachi Semiconductor

  2SK1157 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1157 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SK1157, 2SK1158
6
5,000
1.0
20
Reverse Drain Current IDR (A)
2,000
200
0.5
2
10
50
500
1,000
Body to Drain Diode Reverse
Recovery Time
0.2
100
5
di/dt = 100 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
5,000
20
50
Drain to Source Voltage VDS (V)
100
10
30
40
5
1,000
Typical Capacitance vs.
Drain to Source Voltage
0
Crss
Ciss
Coss
VGS = 0
f = 1 MHz
10
500
16
40
Gate Charge Qg (nc)
Dynamic Input Characteristics
400
100
824
32
0
200
300
VDS
100 V
20
16
4
0
8
12
VDD = 100 V
250 V
400 V
ID = 7 A
250 V
VDD = 400 V
VGS
1.0
20
Drain Current ID (A)
500
50
0.5
2
10
10
100
200
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1%
0.2
20
5
Switching Characteristics
td (off)
tr
td (on)
tf
5


Numéro de pièce similaire - 2SK1157

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK1157 RENESAS-2SK1157 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1157 ISC-2SK1157 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1157-E RENESAS-2SK1157-E Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
2SK1157 RENESAS-2SK1157_15 Datasheet
102Kb / 9P
   Silicon N Channel MOS FET
More results

Description similaire - 2SK1157

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com