Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8433BSRG Fiches technique(PDF) 3 Page - Stanson Technology

No de pièce ST8433BSRG
Description  Constant Voltage and Constant Current Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST8433BSRG Fiches technique(HTML) 3 Page - Stanson Technology

  ST8433BSRG Datasheet HTML 1Page - Stanson Technology ST8433BSRG Datasheet HTML 2Page - Stanson Technology ST8433BSRG Datasheet HTML 3Page - Stanson Technology ST8433BSRG Datasheet HTML 4Page - Stanson Technology ST8433BSRG Datasheet HTML 5Page - Stanson Technology ST8433BSRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STANSON TECHNOLOGY
ST8433 (Pb-Free)
Constant Voltage and Constant Current Controller
120 Bentley Square, Mountain View, Ca 94040 USA
WWW.STANSONTECH.COM
ST8433 2009 V1
3
ELECTRICAL CHARACTERISTICS (TA=25Unless Otherwise Specified)
Parameter
Symbol
Conditions
Min
Typ Max Units
Reference Input Voltage
(IK=10mA,VZ=VREF)
VREF
ST8433A
ST8433B
2.487
2.475
2.5
2.5
2.513
2.525
V
VREF Temp Deviation
VDEV
TA=-40℃~+80℃
VZ=VREF
IZ=10mA
10
25
mV
Ratio Of Change In REF To
Change In Cathode Voltage
VREF/
VZ
IZ=10mA,
VZ = 18V~VREF
-1.4 -2.7 mV/V
Reference Input Current
IREF
IZ=10mA
R1=10KΩ
R2=∞
1
uA
IREF Temp Deviation
IREF(DEV)
TA=-40℃~+80℃
R1=10K
Ω , R2=∞
IZ=10mA
2.5
uA
Off-State Cathode Current
IZ(OFF)
VREF=0V , VZ=18V
0.1
uA
Dynamic Output Impedance
RZ
f<1kHz , VZ=VREF
IZ=1mA~100mA
1.0
1.5
Ω
Minimum Operating Current
Iz(MIN)
VZ=VREF
1.0
mA
Current Amplification
Iamp
VC=1V, IA=50uA
10
mA
Saturation Voltage
Vsat
Ic=150mA,
IA=10mA
0.8
V
Maximum Protection Current
IP
100
mA


Numéro de pièce similaire - ST8433BSRG

FabricantNo de pièceFiches techniqueDescription
logo
Shindengen Electric Mfg...
ST80-14MF SHINDENGEN-ST80-14MF Datasheet
755Kb / 2P
   Power Surface Mount Decive Single Zener Diode
ST80-14MF SHINDENGEN-ST80-14MF_10 Datasheet
737Kb / 1P
   Power zener Diode
ST80-14MF SHINDENGEN-ST80-14MF_17 Datasheet
217Kb / 4P
   Power Zener Diode
logo
Hirose Electric
ST80-18P/4 HIROSE-ST80-18P/4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST80-18S/4 HIROSE-ST80-18S/4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
More results

Description similaire - ST8433BSRG

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com