Moteur de recherche de fiches techniques de composants électroniques |
|
ST8433ASRG Fiches technique(PDF) 4 Page - Stanson Technology |
|
ST8433ASRG Fiches technique(HTML) 4 Page - Stanson Technology |
4 / 6 page STANSON TECHNOLOGY ST8433 (Pb-Free) Constant Voltage and Constant Current Controller 120 Bentley Square, Mountain View, Ca 94040 USA WWW.STANSONTECH.COM APPLICATION CIRCUIT APPLICATION NOTE In the above application, ST8433 is used to provide an accurate control of voltage and current. The voltage loop is controlled through an internal error amplifier, the resistor bridge R1, R2 and the photo-coupler. The relation between Vout, R1, R2 and Vref is shown in: Vout = Vref x (1+R1/R2) The current loop is controlled through an internal transistor, the sense resistor and the photo-coupler. The control equation is: Rsense x I-limit = 0.7V (typical) Where I-limit is the desired current limit. The selection of Rsense should consider the power loss through Rsense. It is calculated as: P-limit = 0.7 x I-limit Whether AC input is at High Line or Low Line, ST8433 can provide the same current protection. It has the fuse function at the output. ST8433 2009 V1 4 |
Numéro de pièce similaire - ST8433ASRG |
|
Description similaire - ST8433ASRG |