Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT619QTA Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce FMMT619QTA
Description  50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT619QTA Fiches technique(HTML) 4 Page - Diodes Incorporated

  FMMT619QTA Datasheet HTML 1Page - Diodes Incorporated FMMT619QTA Datasheet HTML 2Page - Diodes Incorporated FMMT619QTA Datasheet HTML 3Page - Diodes Incorporated FMMT619QTA Datasheet HTML 4Page - Diodes Incorporated FMMT619QTA Datasheet HTML 5Page - Diodes Incorporated FMMT619QTA Datasheet HTML 6Page - Diodes Incorporated FMMT619QTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT619
Document number: DS33236 Rev. 8 - 2
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT619
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
50
190
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
50
65
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.3
-
V
IE = 100µA
Collector Cut-off Current
ICBO
-
-
100
nA
VCB = 40V
Emitter Cut-off Current
IEBO
-
-
100
nA
VEB = 6V
Collector Emitter Cut-off Current
ICES
-
-
100
nA
VCES = 40V
ON CHARACTERISTICS (Note 9)
Static Forward Current Transfer Ratio
hFE
200
300
200
100
-
400
450
400
225
40
-
-
-
-
-
-
IC = 10mA, VCE = 2V
IC = 200mA, VCE = 2V
IC = 1A, VCE = 2V
IC = 2A, VCE = 2V
IC = 6A, VCE = 2V
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-
10
125
150
20
200
220
mV
IC = 0.1A, IB = 10mA
IC = 1A, IB = 10mA
IC = 2A, IB = 50mA
Base-Emitter Saturation Voltage
VBE(sat)
-
0.87
1.0
V
IC = 2A, IB = 50mA
Base-Emitter Saturation Voltage
VBE(on)
-
0.82
1.0
V
IC = 2A, VCE = 2V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
165
-
MHz
IC = 50mA, VCE = 10V,
f = 100MHz
Collector Output Capacitance
Cobo
-
12
20
pF
VCB = 10V, f = 1MHz
Turn-On Time
t(on)
-
170
-
ns
VCC = 10V, IC = 1A,
IB1 = -IB2 = 10mA
Turn-Off Time
t(off)
-
750
-
ns
Notes:
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%


Numéro de pièce similaire - FMMT619QTA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT619QTA DIODES-FMMT619QTA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
More results

Description similaire - FMMT619QTA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL619 DIODES-FMMTL619_15 Datasheet
802Kb / 7P
   50V NPN LOW SATURATION TRANSISTOR IN SOT23
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
   100V NPN LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com