Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3848 Fiches technique(PDF) 2 Page - E-Tech Electronics LTD

No de pièce UC3848
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETL [E-Tech Electronics LTD]
Site Internet  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UC3848 Fiches technique(HTML) 2 Page - E-Tech Electronics LTD

  UC3848 Datasheet HTML 1Page - E-Tech Electronics LTD UC3848 Datasheet HTML 2Page - E-Tech Electronics LTD UC3848 Datasheet HTML 3Page - E-Tech Electronics LTD UC3848 Datasheet HTML 4Page - E-Tech Electronics LTD UC3848 Datasheet HTML 5Page - E-Tech Electronics LTD UC3848 Datasheet HTML 6Page - E-Tech Electronics LTD UC3848 Datasheet HTML 7Page - E-Tech Electronics LTD UC3848 Datasheet HTML 8Page - E-Tech Electronics LTD UC3848 Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UC3848
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R103-033.F
PIN CONFIGURATION
OUT
VCC
VREF
VIN
CS
FB
SS 1
2
3
4
8
7
6
5 GND
PIN DESCRIPTION
PIN NO.
SYMBOL
FUNCTION
1
SS
Soft-start
2
FB
Feedback
3
CS
Controller current sense input
4
VIN
Connected RVIN to line voltage compensating VCSTH,and providing constant output
power limiting for universal AC input Range
5
GND
Ground
6
OUT
Output to the gate of external power MOS
7
VCC
Supply voltage
8
VREF
Inter Reference Voltage


Numéro de pièce similaire - UC3848

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3848 TI-UC3848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
logo
Unisonic Technologies
UC3848 UTC-UC3848 Datasheet
596Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC3848 TI1-UC3848 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
Unisonic Technologies
UC3848G-D08-T UTC-UC3848G-D08-T Datasheet
596Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3848G-D08-T UTC-UC3848G-D08-T Datasheet
596Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Description similaire - UC3848

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com