Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ504 Fiches technique(PDF) 6 Page - Hitachi Semiconductor

No de pièce 2SJ504
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ504 Fiches technique(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SJ504 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 9Page - Hitachi Semiconductor 2SJ504 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SJ504
6
0
–10
–20
–30
–40
–50
10000
3000
1000
300
100
0
–20
–40
–60
–80
0
0
–4
–8
–12
–16
–20
–100
16
32
48
64
80
1000
200
500
100
20
50
10
–0.1
–0.3
–1
–10
–30
–100
30
10
DS
V
GS
V
V
= –10 V
–25 V
–50 V
DD
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
V
= –10 V
–25 V
–50 V
DD
–0.1
–0.3
–1
–3
–10
–30
–100
1000
500
200
100
50
20
10
di / dt = 50 A /
µs
V
= 0, Ta = 25
°C
GS
D
I
= –20 A
–3
td(on)
td(off)
tr
tf
V
= –10 V, V
= –30 V
PW = 10
µs, duty < 1 %
GS
DD
Pulse Test
Body to Drain Diode Reverse
Recovery Time
Dynamic Input Characteristics
Switching Characteristics
Reverse Drain Current
I
(A)
DR
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Drain Current
I
(A)
D


Numéro de pièce similaire - 2SJ504

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ504 RENESAS-2SJ504 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ504-E RENESAS-2SJ504-E Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
2SJ504 RENESAS-2SJ504_15 Datasheet
108Kb / 10P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ504

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com