Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ399 Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce 2SJ399
Description  Silicon P-Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ399 Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  2SJ399 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ399 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ399 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ399 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ399 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ399 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ399 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SJ399
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
–30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
–0.2
A
Drain peak current
I
D(pulse)*
1
–0.4
A
Body to drain diode reverse drain current
I
DR
–0.2
A
Channel dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 100 µs, duty cycle ≤ 10%
2. Marking is “ZF–”
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–30
V
I
D = –100 µA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±2
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
——
–1
µAV
DS = –30 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –10 µA, VDS = –5 V
Static drain to source on state
resistance
R
DS(on)
2.7
5.0
I
D = –20 mA
V
GS = –4 V*
1
2.0
3.0
I
D = –10 mA
V
GS = –10 V*
1
Input capacitance
Ciss
1.1
pF
V
DS = –10 V
Output capacitance
Coss
22.3
pF
V
GS = 0
Reverse transfer capacitance
Crss
0.17
pF
f = 1 MHz
Turn-on delay time
t
d(on)
530
ns
I
D = –0.1 A
Rise time
t
r
2170
ns
V
GS = –10 V
Turn-off delay time
t
d(off)
7640
ns
R
L = 100 Ω
Fall time
t
f
7690
ns
PW = 5
µs


Numéro de pièce similaire - 2SJ399

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ399 RENESAS-2SJ399 Datasheet
99Kb / 6P
   Silicon P-Channel MOS FET
More results

Description similaire - 2SJ399

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com