Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1433A Fiches technique(PDF) 3 Page - Stanson Technology

No de pièce ST1433A
Description  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1433A Fiches technique(HTML) 3 Page - Stanson Technology

  ST1433A Datasheet HTML 1Page - Stanson Technology ST1433A Datasheet HTML 2Page - Stanson Technology ST1433A Datasheet HTML 3Page - Stanson Technology ST1433A Datasheet HTML 4Page - Stanson Technology ST1433A Datasheet HTML 5Page - Stanson Technology ST1433A Datasheet HTML 6Page - Stanson Technology ST1433A Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST1433A
P Channel Enhancement Mode MOSFET
-3.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1433A 2005. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-0.4
-1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
VDS=-20V,VGS=0V
-1
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
TJ=55℃
-5
uA
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V
VDS≦-5V,VGS=-2.5V
-5
-3
A
Drain-source On-Resistance
RDS(on)
VGS=-10.0V,ID=-3.0A
VGS=-4.5V,ID=-2.5A
VGS=-2.5V,ID=-1.5A
0.100
0.115
0.135
0.120
0.135
0.165
Ω
Forward Transconductance
gfs
VDS=-10V,ID=-2.8V
4
S
Diode Forward Voltage
VSD
IS=-1.2A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
5.8
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
VDS=-15V
VGS=-4.5V
ID≡-2.0A
1.5
nC
Input Capacitance
Ciss
385
Output Capacitance
Coss
55
Reverse Transfer Capacitance
Crss
VDS=-15V
VGS=0V
F=1MHz
40
pF
6
Turn-On Time
td(on)
tr
3.9
40
Turn-Off Time
td(off)
tf
VDD=-15V
RL=15Ω
ID=-1A
VGEN=-10V
RG=3Ω
15
nS


Numéro de pièce similaire - ST1433A

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST143000 E-SWITCH-ST143000 Datasheet
229Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143004 E-SWITCH-ST143004 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143005 E-SWITCH-ST143005 Datasheet
156Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143009 E-SWITCH-ST143009 Datasheet
214Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
   E-SWITCH ST143D00
More results

Description similaire - ST1433A

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com