Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST13P10 Fiches technique(PDF) 2 Page - Stanson Technology

No de pièce ST13P10
Description  P Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST13P10 Fiches technique(HTML) 2 Page - Stanson Technology

  ST13P10 Datasheet HTML 1Page - Stanson Technology ST13P10 Datasheet HTML 2Page - Stanson Technology ST13P10 Datasheet HTML 3Page - Stanson Technology ST13P10 Datasheet HTML 4Page - Stanson Technology ST13P10 Datasheet HTML 5Page - Stanson Technology ST13P10 Datasheet HTML 6Page - Stanson Technology ST13P10 Datasheet HTML 7Page - Stanson Technology ST13P10 Datasheet HTML 8Page - Stanson Technology ST13P10 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST13P10
P Channel Enhancement Mode MOSFET
-
13.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright
© 2009, Stanson Corp.
ST13P10 2009. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbo
l
Typical
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=100℃
ID
-13.0
-8.2
A
Pulsed Drain Current
IDM
-52
A
Continuous Source Current (Diode Conduction)
IS
-13
A
Power Dissipation
TA=25℃
PD
66
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
110
/W
PDF created with pdfFactory Pro trial version www.pdffactory.com


Numéro de pièce similaire - ST13P10

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
ST13001 SEMTECH_ELEC-ST13001 Datasheet
162Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST13002A SEMTECH_ELEC-ST13002A Datasheet
79Kb / 1P
   ST13002A
ST13002T SEMTECH_ELEC-ST13002T Datasheet
175Kb / 2P
   NPN Silicon Power Transistors
logo
STMicroelectronics
ST13003 STMICROELECTRONICS-ST13003 Datasheet
71Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST13003 STMICROELECTRONICS-ST13003 Datasheet
224Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
More results

Description similaire - ST13P10

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com