Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST13P10 Fiches technique(PDF) 1 Page - Stanson Technology

No de pièce ST13P10
Description  P Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST13P10 Fiches technique(HTML) 1 Page - Stanson Technology

  ST13P10 Datasheet HTML 1Page - Stanson Technology ST13P10 Datasheet HTML 2Page - Stanson Technology ST13P10 Datasheet HTML 3Page - Stanson Technology ST13P10 Datasheet HTML 4Page - Stanson Technology ST13P10 Datasheet HTML 5Page - Stanson Technology ST13P10 Datasheet HTML 6Page - Stanson Technology ST13P10 Datasheet HTML 7Page - Stanson Technology ST13P10 Datasheet HTML 8Page - Stanson Technology ST13P10 Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ST13P10
P Channel Enhancement Mode MOSFET
-
13.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright
© 2009, Stanson Corp.
ST13P10 2009. V1
DESCRIPTION
ST13P10 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. The ST13P10 has been
designed specially to improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers. It has been optimized for low
gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION (D-PAK)
TO-252
TO-251
PART MARKING
Y: Year Code A: Process Code
FEATURE
l
-100V/-13.0A, RDS(ON) = 130mΩ
@VGS = -10V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and maximum
DC current capability
l
TO-252,TO-251 package design
PDF created with pdfFactory Pro trial version www.pdffactory.com


Numéro de pièce similaire - ST13P10

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
ST13001 SEMTECH_ELEC-ST13001 Datasheet
162Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST13002A SEMTECH_ELEC-ST13002A Datasheet
79Kb / 1P
   ST13002A
ST13002T SEMTECH_ELEC-ST13002T Datasheet
175Kb / 2P
   NPN Silicon Power Transistors
logo
STMicroelectronics
ST13003 STMICROELECTRONICS-ST13003 Datasheet
71Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST13003 STMICROELECTRONICS-ST13003 Datasheet
224Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
More results

Description similaire - ST13P10

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com