Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2282X-XXX Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce ML2282X-XXX
Description  Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML2282X-XXX Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML2282X-XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers ML2282X-XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
FEDL228XX-05
ML2282X-XXX/ ML2286X -XXX
6/63
PIN DESCRIPTION (FOR ML2282X SYNCHRONOUS SERIAL INTERFACE)
Pin
Symbol
I/O
Initial value
(*1)
Description
5
DIPH
I
0
Set pin of the SCK clock edge.
When this pin is “L” level, rising edge is available for input(SI) and falling
edge is available for output(SO).
When this pin is “H” level, falling edge is available for input(SI) and rising
edge is available for output(SO).
9
CSB
I
1
Chip select pin.
At the “L” level, data input/output is available.
10
SCK
I
0
Synchronous clock input pin for serial interface.
11
SI
I
0
Input pin of synchronous serial data.
When the DIPH pin is “L” level, data is shifted in at the rising edges of
the SCK clock pulses.
When the DIPH pin is “H” level, data is shifted in at the falling edges of
the SCK clock pulses.
12
SO
O
Hi-Z
Output pin of synchronous serial data.
When the DIPH pin is “L” level, data is output at the falling edges of the
SCK clock pulses.
When the DIPH pin is “H” level, data is output at the rising edges of the
SCK clock pulses.
When the CSB pin is “H” level, this pin is Hi-Z state.
*1: Indicate the initial value during reset or power down.
PIN DESCRIPTION (FOR ML2286X I2C INTERFACE)
Pin
Symbol
I/O
Initial value
(*1)
Description
5, 9, 12
SAD0
SAD1
SAD2
I
0
Set pin of the slave address.
10
SCL
I
1
Clock input pin for I2C serial interface.
This pin should be connected to pull-up resistor.
11
SDA
IO
1
Input/output pin for I2C serial data.
Use for setting the mode of write/read and writing address, writing data
or reading data.
This pin should be connected to pull-up resistor.
(N-ch MOS) open drain, when output mode.
High impedance(Hi-Z), when input mode.
*1: Indicate the initial value during reset or power down.


Numéro de pièce similaire - ML2282X-XXX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
logo
Micro Linear Corporatio...
ML2282BCP MICRO-LINEAR-ML2282BCP Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2282BCS MICRO-LINEAR-ML2282BCS Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2282BIP MICRO-LINEAR-ML2282BIP Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2282CCP MICRO-LINEAR-ML2282CCP Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

Description similaire - ML2282X-XXX

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com