Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1003A350 Fiches technique(PDF) 5 Page - Littelfuse

No de pièce SL1003A350
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A350 Fiches technique(HTML) 5 Page - Littelfuse

  SL1003A350 Datasheet HTML 1Page - Littelfuse SL1003A350 Datasheet HTML 2Page - Littelfuse SL1003A350 Datasheet HTML 3Page - Littelfuse SL1003A350 Datasheet HTML 4Page - Littelfuse SL1003A350 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Gas Discharge Tube (GDT) Products
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/08/14
SL1003A Series
Packaging
'SM' Type Surface Mount Items: Packaged tape and reel carrier, 700 pcs/reel (specifications below)
'C' Type Core Items: Package bulk pack in polybag, 500 pcs/bag
'R' and ‘RF’ Type Radial Lead Items: Packed in tray, 100 pcs/tray
3 [0.118]
7.4 ± 0.1
[0.291 ± 0.0039]
0.4 ± 0.05
[0.016 ± 0.0020]
R0.3 typical
[0.012]
10x4 ± 0.1 = 40 ± 0.2
[10x0.157 ± 0.004 = 1.575 ± 0.008]
Ø1.5 +0.1
[0.059 +0.0039]
Ø1.5 +0.1
[0.059 +0.0039]
Ø4 ± 0.1
[0.157 ± 0.0039]
Ø2 ± 0.1
[0.079 ± 0.0039]
12 ± 0.1
[0.472 ± 0.0039]
3
[0.118]
6.1 ± 0.1
[0.240 ± 0.0039]
9
[0.354]
SMD-tape according to IEC 60286-3
Dimensions are in millimeters [and inches]
Dimensions are in millimeters [and inches]
Direction of Feed
17.7
[0.697]
275.0
[10.83]
100.0
[3.94]
25.0
[0.98]
76.0
[2.99]
Part Numbering System and Ordering Information
C = Core type (Packed in polybag, 500pcs/bag)
R = Radial Lead without Failsafe (Packed in tray, 100pcs/tray)
RF = Radial Lead with Failsafe (Packed in tray, 100pcs/tray)
SM = Surface Mount (Packed in carrier and tape, 700pcs/reel)
Voltage
Type 3 Pole Arrestor
Pin Configuration
SL1003 A XXX XX


Numéro de pièce similaire - SL1003A350

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A350 LITTELFUSE-SL1003A350 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Description similaire - SL1003A350

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com