Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6913DQ Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI6913DQ
Description  Dual P-Channel 12 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6913DQ Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI6913DQ Datasheet HTML 1Page - Vishay Siliconix SI6913DQ Datasheet HTML 2Page - Vishay Siliconix SI6913DQ Datasheet HTML 3Page - Vishay Siliconix SI6913DQ Datasheet HTML 4Page - Vishay Siliconix SI6913DQ Datasheet HTML 5Page - Vishay Siliconix SI6913DQ Datasheet HTML 6Page - Vishay Siliconix SI6913DQ Datasheet HTML 7Page - Vishay Siliconix SI6913DQ Datasheet HTML 8Page - Vishay Siliconix SI6913DQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Vishay Siliconix
Si6913DQ
Document Number: 72368
S12-1359-Rev. C, 11-Jun-12
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
30
ID - Drain Current (A)
V
GS = 4.5 V
V
GS = 2.5 V
V
GS = 1.8 V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
VDS = 6 V
ID = 5.8 A
Qg - Total Gate Charge (nC)
0.0
0.3
0.6
0.9
1.2
1.5
TJ = 25 °C
30
10
0.1
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
500
1000
1500
2000
2500
3000
3500
02468
10
12
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
V
GS = 4.5 V
I
D = 5.8 A
T
J - Junction Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
123
4567
8
I
D = 5.8 A
V
GS - Gate-to-Source Voltage (V)


Numéro de pièce similaire - SI6913DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI6913DQ VISHAY-SI6913DQ Datasheet
201Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
23-May-04
SI6913DQ VISHAY-SI6913DQ Datasheet
225Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI6913DQ-T1 VISHAY-SI6913DQ-T1 Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
logo
VBsemi Electronics Co.,...
SI6913DQ-T1-GE3 VBSEMI-SI6913DQ-T1-GE3 Datasheet
896Kb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Description similaire - SI6913DQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com