Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BPDW1T2G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BC847BPDW1T2G
Description  Dual General Purpose Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDW1T2G Fiches technique(HTML) 1 Page - ON Semiconductor

  BC847BPDW1T2G Datasheet HTML 1Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 2Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 3Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 4Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 5Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 6Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 7Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 8Page - ON Semiconductor BC847BPDW1T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2013
October, 2013 − Rev. 9
1
Publication Order Number:
BC846BPDW1T1/D
BC846BPDW1,
BC847BPDW1,
BC848CPDW1 Series
Dual General Purpose
Transistors
NPN/PNP Duals (Complementary)
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT−363/SC−88 which is
designed for low power surface mount applications.
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS − NPN
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846, SBC846
BC847, SBC847
BC848
VCEO
65
45
30
V
Collector-Base Voltage
BC846, SBC846
BC847, SBC847
BC848
VCBO
80
50
30
V
Emitter−Base Voltage
VEBO
6.0
V
Collector Current − Continuous
IC
100
mAdc
MAXIMUM RATINGS − PNP
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846, SBC846
BC847, SBC847
BC848
VCEO
−65
−45
−30
V
Collector-Base Voltage
BC846, SBC846
BC847, SBC847
BC848
VCBO
−80
−50
−30
V
Emitter−Base Voltage
VEBO
−5.0
V
Collector Current − Continuous
IC
−100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
SOT−363
CASE 419B
STYLE 1
MARKING DIAGRAM
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
XX = Device Code
M = Date Code
G = Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
BC847BPDW1T2G
SOT−363
(Pb−Free)
3,000 /
Tape & Reel
SBC847BPDW1T1G
SOT−363
(Pb−Free)
3,000 /
Tape & Reel
BF
BF
Mark
BC848CPDW1T1G
SOT−363
(Pb−Free)
3,000 /
Tape & Reel
BL
BC846BPDW1T1G,
SBC846BPDW1T1G
SOT−363
(Pb−Free)
3,000 /
Tape & Reel
BB
XX MG
G
1
6
(Note: Microdot may be in either location)
SBC846BPDW1T2G
SOT−363
(Pb−Free)
3,000 /
Tape & Reel
BB
BC847BPDW1T1G
SOT−363
(Pb−Free)
3,000 /
Tape & Reel
BF
SBC847BPDW1T3G
SOT−363
(Pb−Free)
10,000 /
Tape & Reel
BF


Numéro de pièce similaire - BC847BPDW1T2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC847BPDW1T2G ONSEMI-BC847BPDW1T2G Datasheet
172Kb / 17P
   Dual General Purpose Transistors
October, 2010 ??Rev. 6
BC847BPDW1T2G ONSEMI-BC847BPDW1T2G Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
More results

Description similaire - BC847BPDW1T2G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com