Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BPDW1 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BC847BPDW1
Description  Dual General Purpose Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDW1 Fiches technique(HTML) 3 Page - ON Semiconductor

  BC847BPDW1 Datasheet HTML 1Page - ON Semiconductor BC847BPDW1 Datasheet HTML 2Page - ON Semiconductor BC847BPDW1 Datasheet HTML 3Page - ON Semiconductor BC847BPDW1 Datasheet HTML 4Page - ON Semiconductor BC847BPDW1 Datasheet HTML 5Page - ON Semiconductor BC847BPDW1 Datasheet HTML 6Page - ON Semiconductor BC847BPDW1 Datasheet HTML 7Page - ON Semiconductor BC847BPDW1 Datasheet HTML 8Page - ON Semiconductor BC847BPDW1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BC846BPDW1, BC847BPDW1, BC848CPDW1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (PNP) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mA)
BC846, SBC846 Series
BC847, SBC847 Series
BC848 Series
V(BR)CEO
−65
−45
−30
V
Collector−Emitter Breakdown Voltage
(IC = −10 mA, VEB = 0)
BC846, SBC846 Series
BC847, SBC847 Series
BC848 Series
V(BR)CES
−80
−50
−30
V
Collector−Base Breakdown Voltage
(IC = −10 mA)
BC846, SBC846 Series
BC847, SBC847 Series
BC848 Series
V(BR)CBO
−80
−50
−30
V
Emitter−Base Breakdown Voltage
(IE = −1.0 mA)
BC846, SBC846 Series
BC847, SBC847 Series
BC848 Series
V(BR)EBO
−5.0
−5.0
−5.0
V
Collector Cutoff Current
(VCB = −30 V)
(VCB = −30 V, TA = 150°C)
ICBO
−15
−4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mA, VCE = −5.0 V)
BC846B, SBC846B, BC847B, SBC847B
BC848C
(IC = −2.0 mA, VCE = −5.0 V)
BC846B, SBC846B, BC847B, SBC847B
BC848C
hFE
200
420
150
270
290
520
475
800
Collector−Emitter Saturation Voltage
(IC = −10 mA, IB = −0.5 mA)
(IC = −100 mA, IB = −5.0 mA)
VCE(sat)
−0.3
−0.65
V
Base −Emitter Saturation Voltage
(IC = −10 mA, IB = −0.5 mA)
(IC = −100 mA, IB = −5.0 mA)
VBE(sat)
−0.7
−0.9
V
Base −Emitter On Voltage
(IC = −2.0 mA, VCE = −5.0 V)
(IC = −10 mA, VCE = −5.0 V)
VBE(on)
−0.6
−0.75
−0.82
V
SMALL− SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = −10 V, f = 1.0 MHz)
Cob
4.5
pF
Noise Figure
(IC = −0.2 mA, VCE = −5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB


Numéro de pièce similaire - BC847BPDW1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC847BPDW1 ONSEMI-BC847BPDW1 Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
BC847BPDW1T1 ONSEMI-BC847BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
BC847BPDW1T1G ONSEMI-BC847BPDW1T1G Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
BC847BPDW1T1G ONSEMI-BC847BPDW1T1G Datasheet
172Kb / 17P
   Dual General Purpose Transistors
October, 2010 ??Rev. 6
BC847BPDW1T1G ONSEMI-BC847BPDW1T1G Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
More results

Description similaire - BC847BPDW1

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com