Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1376K Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SD1376K
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1376K Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SD1376K Datasheet HTML 1Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 2Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 3Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 4Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 5Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1376(K)
3
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
30
20
10
0.01
0.03
0.1
0.3
1.0
3
10
Collector to emitter voltage VCE (V)
3
10
30
100
300
Area of Safe Operation
Ta = 25
°C
1 shot pulse
iC (peak)
IC (max)
Collector to emitter voltage VCE (V)
0
Typical Output Characteristics
2468
10
1
2
3
4
5
TC = 25°C
IB = 0.1
mA
0.2
0.3
0.5
1
3
P
C
= 20
W
30
100
1,000
300
10,000
30,000
3,000
Collector current IC (A)
0.03
0.1
0.3
1.0
3
DC Current Transfer Ratio
vs. Collector Current
VCE = 3 V
Pulse test
T C
=
75
°C
25
–25


Numéro de pièce similaire - 2SD1376K

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD1376 ISC-2SD1376 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1376 SAVANTIC-2SD1376 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
2SD1376 SAVANTIC-2SD1376 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1376K

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com