Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4791 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SC4791
Description  Silicon NPN Epitaxial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4791 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SC4791 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2SC4791
3
150
100
50
Ambient Temperature Ta (
°C)
0
150
50
100
Maximum Collector Dissipation Curve
200
160
120
80
40
0
0.1
Collector Current I
(mA)
DC Current Transfer Ratio
vs. Collector Current
C
0.2
0.5 1
2
5
10 20
50
V
= 5V
CE
V
= 1V
CE
12
12
5
10
20
50
Collector Current I
(mA)
C
10
8
6
4
2
0
V
= 5 V
CE
V
= 1 V
CE
Gain Bandwidth Product
vs. Collector Current
0.56
0.52
0.48
0.44
0.40
0.36
12
5
10
20
Collector to Base Voltage V
(V)
CB
0.5
I
= 0
E
f = 1 MHz
Collector Output Capacitance vs.
Collector to Base Voltage


Numéro de pièce similaire - 2SC4791

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC4793 TOSHIBA-2SC4793 Datasheet
147Kb / 2P
   NPN EPITAXIAL TYPE (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
New Jersey Semi-Conduct...
2SC4793 NJSEMI-2SC4793 Datasheet
122Kb / 2P
   Silicon NPN Power Transistor
logo
Unisonic Technologies
2SC4793 UTC-2SC4793 Datasheet
46Kb / 4P
   NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SC4793 ISC-2SC4793 Datasheet
249Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4793 SAVANTIC-2SC4793 Datasheet
246Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC4791

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com