Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART3000VS Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce SMART3000VS
Description  SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000VS Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART3000VS Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UPS Input cord length (ft.)
8
UPS Input cord length (m)
2.4
Recommended Electrical Service
120V 30A
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4 min. (2250w)
Half load runtime (minutes)
14 min. (1125w)
Expandable battery runtime
Extended runtime supported via optional external battery packs
External battery pack compatibility
BP48V24-2U (limit 1); BP48V60RT-3U (multi-pack compatible); BP48V27-2US (multi-pack compatible)
DC system voltage (VDC)
48
Battery recharge rate (included
batteries)
Less than 4 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC54
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 79V to 147V
Overvoltage correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 95 and 104 are boosted by 12%
Severe undervoltage correction
Input voltages between 79 and 94 are boosted by 24%
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
Alarms
Audible alarm indicates power-failure, overload and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
480
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
PHYSICAL
3 / 6


Numéro de pièce similaire - SMART3000VS

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
More results

Description similaire - SMART3000VS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
logo
Tripp Lite. All Rights ...
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
logo
List of Unclassifed Man...
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
   SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com