Moteur de recherche de fiches techniques de composants électroniques |
|
L6309 Fiches technique(PDF) 3 Page - Hamamatsu Corporation |
|
L6309 Fiches technique(HTML) 3 Page - Hamamatsu Corporation |
3 / 7 page General Purpose 3.0 V/0 V to 1 V 2.5 V/1.7 V 10 V/2.5 V to 6.0 V 10 V/7.0 V 12 V to 15 V/0 V 2.5 V/1.0 V 2.5 V/1.0 V 2.5 V/1.0 V 2.5 V/1.7 V L2-2000 L2-2000 L2-4000 See-through 30W 3.0 V/0 V to 1 V Power Consumption Type Series Cathode Rating GENERAL PURPOSE SEE-THROUGH TYPE NOTE NOTE ALamps with an aperture of 0.5 mm diameter are high brightness types. These lamps provide 1.6 times higher brightness than standard lamps with an aperture of 1.0 mm diameter. (Refer to page 8.) BA trigger voltage higher than this value is required to start lamp discharge. For reliable lighting, an application of 500 V to 600 V is recommended. The maximum rated voltage that can be applied is 650 V. CThe heater current during warming-up period is so high that the enough voltage may not be supplied to the lamp in case the cable between the lamp and the power supply is long because of voltage drop at the cable. The power supply for the heater should be designed so as to supply specified voltage at the lamp terminal. DThe lamp life end is defined as the point when the light output falls to 50 % of its initial value or when output fluctuation (p-p) exceeds 0.05 %. EL2D2 lamp does not always have a direct replacement for conventional type from its dimensional outline point of view. Please refer to page 5 and 6. Please consult with our sales offices for further details. An Example for optics of See-through type The see-through type electrode structure enables straight-line arrangement of the halogen lamp, deuterium lamp, optical system and optical passage. This simplifies optical design of UV-VIS spectrophotometer etc., and eliminates loss of light amount caused by the half mirror. SEE-THROUGH TYPE L2D2 Lamps (Deuterium Lamps ) FRecommended operating voltage is 3.5 V ± 0.5 V. GIn these lamps, discharge current is allowed to flow into the filament during operation so that cathode temperature is maintained at an optimum level. So there is no need for input of external power to keep the filament heated. HAverage operating life : Operating life depends on environmental conditions (vacuum atmosphere). It is recommended that these lamps be used in an oil-free environment. *We recommend using Hamamatsu deuterium lamp power supplies in order to obtain the full performance from our lamps (Refer to page 7 and 9). TOP VIEW LENS HALOGEN LAMP SEE-THROUGH L2D2 LAMP TLSOC0011EF 40˚ q w q q y r r w w e e y i y e e t o t o u u r !0 r !0 r Tube Drop Voltage Typ. (V dc) Anode Current (mA dc) Spectral Disiribution (nm) Window Material Dimen- sional outline Aperture Diameter (mm) Required Dis- charge Starting Voltage Min. (V dc) Series L2-4000 L2-2000 Synthetic silica 1.0 350 1.0 350 1.0 80 80 80 85 350 1.0 350 0.5 400 0.5 400 1.0 350 0.5 400 1.0 350 0.5 400 0.5 400 1.0 350 0.5 400 1.0 350 0.5 400 1.0 350 300 ±30 300 ±30 0.5 400 1.0 350 1.0 350 0.5 400 1.0 350 1.0 350 UV glass Synthetic silica UV glass 185 to 400 UV glass 185 to 400 160 to 400 185 to 400 185 to 400 160 to 400 UV glass UV glass 185 to 400 UV glass 185 to 400 UV glass 185 to 400 MgF2 115 to 400 Type. No. L2-2000 80 300 ±30 1.0 350 1.0 350 1.0 350 0.5 400 0.5 400 UV glass 185 to 400 L6999 L7307 L6999-50 L7174 L7306 L6565 L6566 L6301 L6302 L7298 L6303 L6304 L6305 L6306 L6307 L6308 L7296 L7295 L6309 L6310 L6311 L6312 L7293 L7292 L6999 L7307 L7174 L7306 Fluctuation (p-p) Max. (%) Drift Max. (%/ h) Output Stability — — ±0.3 ±0.3 0.05 0.05 ±0.3 0.05 Current Typ. (A dc, ac) Voltage (V dc, ac) Time Min. (s) Filament Ratings Warm-up 12 to 15 0.5 to 0.55 20 20 10 ±1 2.5 ±0.25 0.8 4 1.2 10 ±1 0.8 5 5 10 ±1 3.0 ±0.3 3.0 ±0.3 4 4 2.5 ±0.25 2.5 ±0.25 20 4 2.5 ±0.25 Conventional Lamps Guaranteed Life (h) Current Typ. (A dc) Voltage (V dc) Operating 00 2.5 to 6.0 1.0 ±0.1 0.3 to 0.6 1.8 2000 L613,L613-04 L3382-01 — L613,L613-04 L1636 — L1729 L3381-01 L3382-01 2.5 to 6.0 0 to 1 0 to 1 1.0 ±0.1 0 to1.8 0 to1.8 0.3 to 0.6 1.8 2000 4000 — L591 L2196 L7296-50 — L1626 3.3 1.8 7.0 ±0.5 1.7 ±0.2 1.0 ±0.1 L2541 L2526 L4505 L4505-50 L4510 L4510-50 L879-01 L879 Type. No. Fluctuation (p-p) Max. (%) Drift Max. (%/ h) Output Stability Current Max. (A dc, ac) Voltage (V dc, ac) Time Min. (s) Filament Ratings Warm-up Conventional Lamps Guaranteed Life (h) Current Max. (A dc) Voltage (V dc) Operating Type. No. — L6999-50 — L1887 — L1886 2000 1.8 3.3 1.0 ±0.1 1.7 ±0.2 L6311-50 L6312-50 L6565 L6566 L6301 L6302 L7298 L6303 L6304 L6305 L6306 L6307 L6308 L7296 L7296-50 L7295 L6309 L6310 L6311 L6312 L7293 L7292 L6311-50 L6312-50 3 4 1 Tube Drop Voltage Typ. (V dc) Anode Current (mA dc) Spectral Disiribution (nm) Window Material Dimen- sional outline Aperture Diameter (mm) Required Dis- charge Starting Voltage Min. (V dc) Series Type. No. D C E F G DE F H G SELECTION GUIDE SPECIFICATIONS FOR L2D2 LAMPS SPECIFICATIONS |
Numéro de pièce similaire - L6309 |
|
Description similaire - L6309 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |