Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N111202 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce N111202
Description  PACKAGING: 75 PCS TUBE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

N111202 Fiches technique(HTML) 1 Page - E-SWITCH

  N111202 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KAN1104RT
8:1
7/13/2007
N111202
D
BLR
1
1
PC LAYOUT
1
2
3
4
5
6
7
8
CIRCUIT LAYOUT
6.31
[.248 in]
4.50
[.177 in]
6.70
[.264 in]
1.30
[.051 in]
.65
[.026 in]
1.47
[.058 in]
.10
[.004 in]
.40
[.016 in]
1.27
[.050 in] TYP.
.05
[.002 in] TAPE
4.90
[.193 in]
7.40
[.291 in]
1.27
[.050 in] TYP.
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERENCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY.
4. OPERATING FORCE: 500
`100 gf
5. TRAVEL: 0.6
`0.25 mm
6. CONTACT RATING: 25mA, 24VDC
7. CONTACT RESISTANCE: 100mW MAX.
8. INSULATION RESISTANCE: 100MW MIN @ 500VDC
9. DIELECTRIC STRENGTH: 300VAC 1 MIN.
10. LIFE: 1,000 CYCLES.
11. OPERATING TEMPERATURE: -40
~C TO 85~C
12. PACKAGING: 75 PCS TUBE
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT
15. ALL SWITCHES SHIPPED IN THE 'ON' POSITION
A
15871
RELEASED FOR PRODUCTION
3/16/06
PH
1
2
3
4
5
6
7
8
B
16912
DIP FROM FRONT TO BACK SIDE
1/23/07
TN
C
16914
REMOVE DIP NOTE
1/24/07
TN
D
17465
'ON' POSITION NOTE ADDED
7/13/07
BLR
1.25
[.049 in]
.76
[.030 in]


Numéro de pièce similaire - N111202

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
N111200 E-SWITCH-N111200 Datasheet
65Kb / 1P
   Silver Plated Brass
N111201 E-SWITCH-N111201 Datasheet
42Kb / 1P
   Packaged : In Dispensing Tube
N111203 E-SWITCH-N111203 Datasheet
47Kb / 1P
   Packaged : In Dispensing Tube
N111204 E-SWITCH-N111204 Datasheet
50Kb / 1P
   Packaged : In Dispensing Tube
N111206 E-SWITCH-N111206 Datasheet
50Kb / 1P
   Packaged : In Dispensing Tube
More results

Description similaire - N111202

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
N111197 E-SWITCH-N111197 Datasheet
83Kb / 1P
   PACKAGING: 54 PCS TUBE
N111250 E-SWITCH-N111250 Datasheet
48Kb / 1P
   PACKAGING: 4,000 PCS PER REEL
N111198 E-SWITCH-N111198 Datasheet
103Kb / 1P
   PACKAGING: 4,000 PCS PER REEL
N111195 E-SWITCH-N111195 Datasheet
77Kb / 1P
   PACKAGING: 4,000 PCS PER REEL
N211044 E-SWITCH-N211044 Datasheet
67Kb / 1P
   PACKAGED 120 PCS. PER TUBE
N211046 E-SWITCH-N211046 Datasheet
60Kb / 1P
   PACKAGED 120 PCS. PER TUBE
N111251 E-SWITCH-N111251 Datasheet
66Kb / 1P
   PACKAGING: 125 PIECES PER TUBE
logo
Amphenol Corporation
P-UE86-3G8620-X0X61 AMPHENOL-P-UE86-3G8620-X0X61 Datasheet
1,009Kb / 5P
   PACKAGING: TRAY PACKAGING
logo
Fujitsu Component Limit...
FAR-F6KA-1G8800-L4AF FUJITSU-FAR-F6KA-1G8800-L4AF Datasheet
174Kb / 5P
   PCS-Tx
logo
API Technologies Corp
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
   PCS Duplexer
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com