Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CNX-310 Fiches technique(PDF) 1 Page - Marl International Limited

No de pièce CNX-310
Description  CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARL [Marl International Limited]
Site Internet  http://www.leds.co.uk
Logo MARL - Marl International Limited

CNX-310 Fiches technique(HTML) 1 Page - Marl International Limited

  CNX-310 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1) Material: U.L. Rating - "Thermoplastic material used
on a secondary circuit"
2) Wire: 24 awg (105° C)
U.S. / FOREIGN PAT. ISSUED & PEND.
XX"
PANEL THICKNESS
.030" - .100" USE SPC 060
.105" - .125" W/O SPACER
CNX 310 SERIES
CONNECTOR
.250±.010
TRIM LED LEADS
CABLE ORDERING CODE (EXAMPLE):
CNX 310 056
E 4 1 08
MODEL
RESISTOR
TERMINATION
LENGTH IN INCHES
WIRE COLOR
WIRE GAUGE
CODE DESCRIPTION
E
LOCKING HEADER CONNECTOR
X
WIRE LEAD ENDS STRIPPED
CODE OHM
CODE
OHM
012
120
056
560
018
180
120
1200
033
330
220
2200
CODE
LENGTH
04
4 INCHES
06
6 INCHES
08
8 INCHES
12
12 INCHES
18
18 INCHES
24
24 INCHES
CODE DESCRIPTION
1
BLK - WHT
2
RED - BLK
CODE DESCRIPTION
4
24 AWG
OPTIONAL LENGTHS
AVAILABLE
DECIMAL
DIAMETER
ANGLE
RADII
NO
DESCRIPTION
DATE BY
1
2
3
4
DRAWN BY
CHK'D
SCALE
DATE
DRAWING NO.
5
TOLERANCES
REVISIONS
APZ
N/A
±.500
VCC P/N: CNX 310 CABLE ASSEMBLY
01/28/09
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Blvd, Suite 101 San Marcos, California 92069 U.S.A.
Phone: (760) 560-1300; Fax: (760) 560-1301; e-mail: vccsales@vcclite.com
Order Lens & LED Separately
LENS OPTIONS
LENS STYLE
COLOR
RTP - Red
GTP - Green
ATP - Amber
BTP - Blue
YTP - Yellow
CTP - Clear
CMC 285
CMC 313
CMC 321
CMC 323
CMS 322
APPROVAL
DATE
CMC 321
CMS 322
LENSES
SPC 060
SPACER
5mm LED


Numéro de pièce similaire - CNX-310

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
CNX-310 VCC-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
More results

Description similaire - CNX-310

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com