Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC088S052 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC088S052
Description  ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S052 Fiches technique(HTML) 4 Page - Texas Instruments

  ADC088S052 Datasheet HTML 1Page - Texas Instruments ADC088S052 Datasheet HTML 2Page - Texas Instruments ADC088S052 Datasheet HTML 3Page - Texas Instruments ADC088S052 Datasheet HTML 4Page - Texas Instruments ADC088S052 Datasheet HTML 5Page - Texas Instruments ADC088S052 Datasheet HTML 6Page - Texas Instruments ADC088S052 Datasheet HTML 7Page - Texas Instruments ADC088S052 Datasheet HTML 8Page - Texas Instruments ADC088S052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADC088S052
SNAS340F – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
ADC088S052 Converter Electrical Characteristics
(1)
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE =
200 ksps to 500 ksps, and CL = 50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA
= 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
Integral Non-Linearity
INL
±0.05
±0.2
LSB (max)
(End Point Method)
DNL
Differential Non-Linearity
±0.06
±0.2
LSB (min)
VOFF
Offset Error
+0.6
±0.7
LSB (max)
OEM
Offset Error Match
±0.02
±0.2
LSB (max)
FSE
Full Scale Error
+0.5
±0.6
LSB (max)
FSEM
Full Scale Error Match
±0.01
±0.2
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth (
−3dB)
8
MHz
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 40.2 kHz, −0.02 dBFS
49.6
49.2
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 40.2 kHz, −0.02 dBFS
49.6
49.3
dB (min)
THD
Total Harmonic Distortion
fIN = 40.2 kHz, −0.02 dBFS
−70.6
−63.1
dB (max)
SFDR
Spurious-Free Dynamic Range
fIN = 40.2 kHz, −0.02 dBFS
68.1
64.8
dB (min)
ENOB
Effective Number of Bits
fIN = 40.2 kHz
7.95
7.88
Bits (min)
ISO
Channel-to-Channel Isolation
fIN = 20 kHz
67.3
dB
Intermodulation Distortion, Second
fa = 19.5 kHz, fb = 20.5 kHz
−75.0
dB
Order Terms
IMD
Intermodulation Distortion, Third Order
fa = 19.5 kHz, fb = 20.5 kHz
−69.4
dB
Terms
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
VA = VD = +2.7V to +3.6V
2.1
V (min)
VIH
Input High Voltage
VA = VD = +4.75V to +5.25V
2.4
V (min)
VIL
Input Low Voltage
0.8
V (max)
IIN
Input Current
VIN = 0V or VD
±0.01
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output High Voltage
ISOURCE = 200 µA,
VD − 0.5
V (min)
VOL
Output Low Voltage
ISINK = 200 µA to 1.0 mA,
0.4
V (max)
IOZH, IOZL
Hi-Impedance Output Leakage Current
±1
µA (max)
COUT
Hi-Impedance Output Capacitance(1)
2
4
pF (max)
Output Coding
Straight (Natural) Binary
(1)
The min/max specification limits are specified by design, test, or statistical analysis.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC088S052


Numéro de pièce similaire - ADC088S052

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052CIMT NSC-ADC088S052CIMT Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052CIMTX NSC-ADC088S052CIMTX Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
ADC088S052EVAL NSC-ADC088S052EVAL Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
More results

Description similaire - ADC088S052

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com