Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX5543 Fiches technique(PDF) 1 Page - GOOD-ARK Electronics

No de pièce BZX5543
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX5543 Fiches technique(HTML) 1 Page - GOOD-ARK Electronics

  BZX5543 Datasheet HTML 1Page - GOOD-ARK Electronics BZX5543 Datasheet HTML 2Page - GOOD-ARK Electronics BZX5543 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Features
BZX55 ...
SILICON PLANAR ZENER DIODES
Silicon Planar Zener Diodes
The Zener voltages are graded according to the international
E 24 standard. Other voltage tolerances and higher Zener
voltages on request.
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=25
P
tot
500 1)
mW
Junction temperature
T
j
175
Storage temperature range
T
S
-55 to +175
Note:
(1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
0.3 1)
K/mW
Forward voltage at I
F=100mA
V
F
--
1.0
V
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
-
0.154
-
3.9
B
-
0.075
-
1.9
C
-
0.020
-
0.52
D
1.083
-
27.50
-


Numéro de pièce similaire - BZX5543

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BZX5543 ETC-BZX5543 Datasheet
326Kb / 3P
   Silicon planar zener diodes
logo
New Jersey Semi-Conduct...
BZX5543 NJSEMI-BZX5543 Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX5543

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com