Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMZJ3800B Fiches technique(PDF) 1 Page - General Semiconductor

No de pièce SMZJ3800B
Description  SURFACE MOUNT ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GE [General Semiconductor]
Site Internet  http://www.vishay.com
Logo GE - General Semiconductor

SMZJ3800B Fiches technique(HTML) 1 Page - General Semiconductor

  SMZJ3800B Datasheet HTML 1Page - General Semiconductor SMZJ3800B Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM ELECTRICAL CHARACTERISTICS
DEVICE
NOMINAL
TEST
MAX. ZENER
MAX. REVERSE
MAX.
PART NUMBER
MARKING
ZENER
CURRENT
IMPEDANCE
LEAKAGE
ZENER
CODE
VOLTAGE
IZT
ZZT at IZT
ZZK at IZK
CURRENT
CURRENT
GULL-WING
MODIFIED
VZ at IZT
IR at VR
IZM
J-BEND
(Volts)
(mA)
(Ohms)
(Ohms)
(mA)
(µA)
(Volts)
(mA)
SMZG3789A,B
SMZJ3789A,B
WA,B
10.0
37.5
5.0
1000
0.25
50.0
7.6
125
SMZG3790A,B
SMZJ3790A.B
WC,D
11.0
34.1
6.0
650
0.25
10.0
8.4
115
SMZG3791A,B
SMZJ3791A,B
WE,F
12.0
31.2
7.0
550
0.25
5.0
9.1
105
SMZG3792A,B
SMZJ3792A,B
WG,H
13.0
28.8
7.5
550
0.25
5.0
9.9
98
SMZG3793A,B
SMZJ3793A,B
WI,J
15.0
25.0
9.0
600
0.25
5.0
11.4
85
SMZG3794A,B
SMZJ3794A,B
WK,L
16.0
23.4
10.0
600
0.25
5.0
12.2
80
SMZG3795A,B
SMZJ3795A,B
XA,B
18.0
20.8
12.0
650
0.25
5.0
13.7
70
SMZG3796A,B
SMZJ3796A,B
XC,D
20.0
18.7
14.0
650
0.25
5.0
15.2
62
SMZG3797A,B
SMZJ3797A,B
XE,F
22.0
17.0
17.5
650
0.25
5.0
16.7
56
SMZG3798A,B
SMZJ3798A,B
XG,H
24.0
15.6
19.0
700
0.25
5.0
18.2
51
SMZG3799A,B
SMZJ3799A,B
XI,J
27.0
13.9
23.0
700
0.25
5.0
20.6
46
SMZG3800A,B
SMZJ3800A,B
XK,L
30.0
12.5
26.0
750
0.25
5.0
22.8
41
SMZG3801A,B
SMZJ3801A,B
YA,B
33.0
11.4
33.0
800
0.25
5.0
25.1
38
SMZG3802A,B
SMZJ3802A,B
YC,D
36.0
10.4
38.0
850
0.25
5.0
27.4
35
SMZG3803A,B
SMZJ3803A,B
YE,F
39.0
9.6
45.0
900
0.25
5.0
29.7
31
SMZG3804A,B
SMZJ3804A,B
YG,H
43.0
8.7
53.0
950
0.25
5.0
32.7
28
SMZG3805A.B
SMZJ3805A,B
YI,J
47.0
8.0
67.0
1000
0.25
5.0
35.8
26
SMZG3806A,B
SMZJ3806A,B
YK,L
51.0
7.3
70.0
1100
0.25
5.0
38.8
24
SMZG3807A,B
SMZJ3807A,B
ZA,B
56.0
6.7
86.0
1300
0.25
5.0
42.6
22
SMZG3808A,B
SMZJ3808A,B
ZC,D
62.0
6.0
100.0
1500
0.25
5.0
47.1
20
SMZG3809A,B
SMZJ3809A,B
ZE,F
68.0
5.5
120.0
1700
0.25
5.0
51.7
18
NOTES:
(1) Standard voltage tolerance is ±20%, suffix “A” denotes ±10% and suffix “B” denotes ±5%
(2) Maximum steady state power dissipation is 1.5 watts at TL=75°C (SEE FIG. 1)
1/20/99
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ For surface mount applications
♦ Glass passivated chip junction
♦ Low Zener impedance
♦ Low regulation factor
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
SMZG AND SMZJ
3789 THRU 3809B
SURFACE MOUNT ZENER DIODE
Zener Voltage -10 to 68 Volts
Steady State Power - 1.5 Watts
0.180 (4.57)
0.160 (4.06)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51)
MAX.
0.058 (1.47)
0.038 (0.97)
0.255 (6.48)
0.235 (5.97)
0.030 (0.76)
0.015 (0.38)
0.008 (0.20)
0.004 (0.10)
SEATING
PLANE
0155 (3.94)
0.130 (3.30)
0.83 (2.10)
0.077 (1.96)
0.095 (2.41)
0.075 (1.90)
Dimensions in inches and (millimeters)
DO-214AA
MODIFIED J-BEND
DO-215AA
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.205 (5.21)
0.220 (5.59)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
0.130 (3.30)
0.155 (3.94)
MAX.
MECHANICAL DATA
Case: JEDEC DO-214/DO215AA molded plastic over
passivated junction
Terminals: Solder plated, solderable per MIL STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.003 ounce , 0.093 gram
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE: TJ, TSTG: -55°C to +150°C


Numéro de pièce similaire - SMZJ3800B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SMZJ3800B VISHAY-SMZJ3800B Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3800B VISHAY-SMZJ3800B Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZJ3800B VISHAY-SMZJ3800B Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
logo
SUNMATE electronic Co.,...
SMZJ3800B SUNMATE-SMZJ3800B Datasheet
515Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Juxing Electr...
SMZJ3800B JUXING-SMZJ3800B Datasheet
595Kb / 2P
   Surface Mount Zener Diodes
More results

Description similaire - SMZJ3800B

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com